Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1157 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1157
Description  14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1157 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1157 Datasheet HTML 7Page - Maxim Integrated Products MAX1157 Datasheet HTML 8Page - Maxim Integrated Products MAX1157 Datasheet HTML 9Page - Maxim Integrated Products MAX1157 Datasheet HTML 10Page - Maxim Integrated Products MAX1157 Datasheet HTML 11Page - Maxim Integrated Products MAX1157 Datasheet HTML 12Page - Maxim Integrated Products MAX1157 Datasheet HTML 13Page - Maxim Integrated Products MAX1157 Datasheet HTML 14Page - Maxim Integrated Products MAX1157 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Transfer Function
Figures 8, 9, and 10 show the MAX1157/MAX1159/
MAX1175’s output transfer functions. The MAX1159
and MAX1175 outputs are coded in offset binary, while
the MAX1157 is coded on standard binary.
Input Buffer
Most applications require an input buffer amplifier to
achieve 14-bit accuracy and prevent loading the
source. Switch the channels immediately after acquisi-
tion, rather than near the end of or after a conversion
when the input signal is multiplexed. This allows more
time for the input buffer amplifier to respond to a large
step-change in input signal. The input amplifier must
have a high enough slew rate to complete the required
output voltage change before the beginning of the
acquisition time. Figure 11 shows an example of this
circuit using the MAX427.
Figures 12a and 12b show how the MAX1175 and
MAX1159 analog input current varies depending on
whether the chip is operating or powered down. The
part is fully powered down between conversions if the
voltage at R/C is set high during the second falling
edge of CS. The input current abruptly steps to the
powered up value at the start of acquisition. This step
in the input current can disrupt the ADC input, depend-
ing on the driving circuit’s output impedance at high
frequencies. If the driving circuit cannot fully settle by
the end of acquisition time, the accuracy of the system
can be compromised. To avoid this situation, increase
the acquisition time, use a driving circuit that can settle
within tACQ, or leave the MAX1175/MAX1159 powered
up by setting the voltage at R/C low during the second
falling edge of CS.
Layout, Grounding, and Bypassing
For best performance, use printed circuit (PC) boards.
Do not run analog and digital lines parallel to each
other, and do not lay out digital signal paths under-
neath the ADC package. Use separate analog and dig-
ital ground planes with only one point connecting the
two ground systems (analog and digital) as close to the
device as possible.
Route digital signals far away from sensitive analog and
reference inputs. If digital lines must cross analog lines,
do so at right angles to minimize coupling digital noise
14-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
______________________________________________________________________________________
11
Figure 9. MAX1159 Transfer Function
OUTPUT CODE
-8192
+8192
INPUT VOLTAGE (LSB)
INPUT RANGE = -10V TO +10V
0
-8190
-8191 -8189
+8191
+8190
-1
+1
11 . . . 1111
11 . . . 1110
11 . . . 1101
10 . . . 0001
10 . . . 0000
01 . . . 1111
00 . . . 0011
00 . . . 0010
00 . . . 0001
00 . . . 0000
FULL-SCALE RANGE
(FSR) = +20V
1LSB =
FSR x VREF
16384 x 4.096
FULL-SCALE
TRANSITION
Figure 10. MAX1175 Transfer Function
OUTPUT CODE
-8192
+8192
INPUT VOLTAGE (LSB)
INPUT RANGE = -5V TO +5V
0
-8190
-8191 -8189
+8191
+8190
-1
+1
11 . . . 1111
11 . . . 1110
11 . . . 1101
10 . . . 0001
10 . . . 0000
01 . . . 1111
00 . . . 0011
00 . . . 0010
00 . . . 0001
00 . . . 0000
FULL-SCALE RANGE
(FSR) = +10V
1LSB =
FSR x VREF
16384 x 4.096
FULL-SCALE
TRANSITION
Figure 8. MAX1157 Transfer Function
OUTPUT CODE
16384
INPUT VOLTAGE (LSB)
INPUT RANGE = 0 TO +10V
2
1
03
16383
16382
11 . . . 111
11 . . . 110
11 . . . 101
00 . . . 011
00 . . . 010
00 . . . 001
00 . . . 000
FULL-SCALE RANGE
(FSR) = +10V
1LSB =
FSR x VREF
16384 x 4.096
FULL-SCALE
TRANSITION


Similar Part No. - MAX1157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX115 MAXIM-MAX115 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
   Three-Channel, High-Definition Video Filter
Rev 0; 1/08
MAX11500 MAXIM-MAX11500 Datasheet
130Kb / 6P
   Surface-Mount Components
Rev 0; 8/07
More results

Similar Description - MAX1157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
MAX1144 MAXIM-MAX1144 Datasheet
1Mb / 18P
   14-Bit ADCs, 150ksps, 3.3V Single Supply
19-2465; Rev 0; 4/02
MAX1144-MAX1145 MAXIM-MAX1144-MAX1145 Datasheet
1Mb / 18P
   14-Bit ADCs, 150ksps, 3.3V Single Supply
Rev 0; 4/02
logo
Texas Instruments
ADS1203 TI1-ADS1203_14 Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com