Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4060EFE Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LTC4060EFE
Description  Standalone Linear NiMH/NiCd Fast Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4060EFE Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LTC4060EFE Datasheet HTML 3Page - Linear Integrated Systems LTC4060EFE Datasheet HTML 4Page - Linear Integrated Systems LTC4060EFE Datasheet HTML 5Page - Linear Integrated Systems LTC4060EFE Datasheet HTML 6Page - Linear Integrated Systems LTC4060EFE Datasheet HTML 7Page - Linear Integrated Systems LTC4060EFE Datasheet HTML 8Page - Linear Integrated Systems LTC4060EFE Datasheet HTML 9Page - Linear Integrated Systems LTC4060EFE Datasheet HTML 10Page - Linear Integrated Systems LTC4060EFE Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC4060
4060f
BLOCK DIAGRA
7
+
A1
R1
31.5Ω
R2
0.03Ω
1.5V
PROG
RPROG
14
VCC
NTC
CUTOFF
I
I/5
HOT
COLD
CURRENT
DIVIDER
VOLTAGE
REFERENCE
UVLO
SUPPLY GOOD
SEL0
SEL1
AUTORECHARGE
DETECTOR
IC
OVERTEMPERATURE
DETECT
OUTPUT DRIVER
AND
CURRENT LIMIT
BATTERY
DETECTOR
A/D
CONVERTER
IBRD
4060 BD
OSCILLATOR
TIMER
CTIMER
IOSC
THERMISTOR
INTERFACE
CHARGER STATE
CONTROL LOGIC
VCC
I
I/5
IOSC
+
11
CHRG
15
ACP
13
SHDN
5
PAUSE
6
4
ARCT
8
2
SEL0
9
SEL1
10
CHEM
GND
16, 17
12
BAT
1
DRIVE
3
SENSE
A2
+


Similar Part No. - LTC4060EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
More results

Similar Description - LTC4060EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Seaward Electronics Inc...
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
   Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49017 E-CMOS-EC49017 Datasheet
387Kb / 11P
   Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com