Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4060EDHC Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LTC4060EDHC
Description  Standalone Linear NiMH/NiCd Fast Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4060EDHC Datasheet(HTML) 2 Page - Linear Integrated Systems

  LTC4060EDHC Datasheet HTML 1Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 2Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 3Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 4Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 5Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 6Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 7Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 8Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC4060
4060f
ORDER PART
NUMBER
(Note 1)
VCC to GND ............................................... –0.3V to 11V
Input Voltage
SHDN, NTC, SEL0, SEL1, PROG, ARCT,
BAT, CHEM, TIMER, PAUSE ...... –0.3V to VCC + 0.3V
Output Voltage
CHRG, ACP, DRIVE ................... –0.3V to VCC + 0.3V
Output Current (SENSE) ...................................... –2.2A
Short-Circuit Duration (DRIVE) ...................... Indefinite
LTC4060EDHC
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Operating Ambient Temperature Range
(Note 2) ............................................. – 40°C to 85°C
Operating Junction Temperature (Note 3) ........... 125°C
Storage Temperature Range
TSSOP Package ............................... – 65°C to 150°C
DFN Package .................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
TSSOP Package ................................................ 300°C
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
GND
CHRG
VCC
ACP
CHEM
NTC
SEL1
SEL0
DRIVE
BAT
SENSE
TIMER
SHDN
PAUSE
PROG
ARCT
TOP VIEW
DHC16 PACKAGE
16-LEAD (5mm × 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB TO OBTAIN
θJA = 37°C/W OTHERWISE θJA = 140°C
DHC PART
MARKING
4060
ORDER PART
NUMBER
LTC4060EFE
FE PART
MARKING
4060EFE
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
DRIVE
BAT
SENSE
TIMER
SHDN
PAUSE
PROG
ARCT
GND
CHRG
VCC
ACP
CHEM
NTC
SEL1
SEL0
17
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB TO OBTAIN
θJA = 37°C/W OTHERWISE θJA = 135°C
The
indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VBAT = 2.8V, GND = 0V unless otherwise specified. All
currents into the device pins are positive and all currents out of the device pins are negative. All voltages are referenced to GND
unless otherwise specified.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply
VCC
Operating Voltage Range (Note 4)
4.50
10
V
ICC
VCC Supply Current (Note 9)
IPROG = 2mA (RPROG = 698Ω),
2.9
4.3
mA
PAUSE = VCC
ISD
VCC Supply Shutdown Current
SHDN = 0V
250
325
µA
IBSD
Battery Pin Leakage Current in Shutdown (Note 5)
VBAT = 2.8V, SHDN = 0V
–1
0
1
µA
IBSL
Battery Pin Leakage Current in Sleep (Note 6)
VCC = 0V, VBAT = 5.6V
–1
0
1
µA
VUVI1
Undervoltage Lockout Exit Threshold
SEL0 = 0, SEL1 = 0 and SEL0 = VCC,
4.25
4.36
4.47
V
SEL1 = 0, VCC Increasing
VUVD1
Undervoltage Lockout Entry Threshold
SEL0 = 0, SEL1 = 0 and SEL0 = VCC,
4.15
4.26
4.37
V
SEL1 = 0, VCC Decreasing


Similar Part No. - LTC4060EDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
More results

Similar Description - LTC4060EDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Seaward Electronics Inc...
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
   Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49017 E-CMOS-EC49017 Datasheet
387Kb / 11P
   Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com