Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4060EDHC Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LTC4060EDHC
Description  Standalone Linear NiMH/NiCd Fast Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4060EDHC Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LTC4060EDHC Datasheet HTML 5Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 6Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 7Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 8Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 9Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 10Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 11Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 12Page - Linear Integrated Systems LTC4060EDHC Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC4060
4060f
The charge current is set with an external current pro-
gramming resistor connected between the PROG pin and
GND. In the Block Diagram, amplifier A1 will cause a virtual
1.5V to appear on the PROG pin and thus, all of the pro-
gramming resistor’s current will flow through the N-channel
FET to the current divider. The current divider is controlled
by the charger state control logic to produce a voltage
across R1, appropriate either for precharge (I/5) or for fast
charge (I), depending on the cell voltage. The current di-
vider also produces a constant current IOSC, that along
with an external capacitor tied to the TIMER pin, sets the
Oscillator’s clock frequency. During charging, the external
PNP transistor’s collector will provide the battery charge
current. The PNP’s emitter current flows into the SENSE
pin and through the internal current sense resistor R2
(0.03Ω). This current is slightly more than the collector
current since it includes the base current. Amplifier A2 and
the output driver will drive the base of the external PNP
through the DRIVE pin to force the same reference voltage
that appears across R1 to appear across the R2. The pre-
cision ratio between R1 and R2, along with the current
programming resistor, accurately determines the charge
current.
When charging begins, the charger state control logic will
enable precharge of the battery. When the cell voltage
exceeds the fast charge qualification threshold, fast charge
begins. If the cell voltage exceeds the initial delay hold off
threshold voltage just prior to precharge, then the A/D
converter immediately monitors for a –∆V event to
terminate charging while in fast charge. Otherwise, the
fast charge voltage stabilization hold off period must
expire before the A/D converter monitors for a –∆V event
from which to terminate charging. The –∆V magnitude for
termination is selected for either NiMH or NiCd by the
CHEM pin. Should the battery temperature become too hot
or too cold, charging will be suspended by the charger
state control logic until the temperature enters normal
limits. A termination timer puts the charger into shutdown
mode if the programmed time has expired. After charging
has ended, the optional autorecharge detector function
monitors for the battery voltage to drop to either a default
or externally programmed cell voltage before automati-
cally restarting a charge cycle.
The SHDN pin can be used to return the charger to a
shutdown and reset state. The PAUSE pin can be used to
pause the charge current and internal clocks for any
interval desired.
Fault conditions, such as overheating of the IC due to
excessive PNP base current drive, are monitored and
limited by the IC overtemperature detection and output
driver and current limit blocks.
When either VCC is removed or manual shutdown is
entered, the charger will draw only tiny leakage currents
from the battery, thus maximizing standby time. With VCC
removed, the external PNP’s base is connected to the
battery by the charger. In manual shutdown, the base is
connected to VCC by the charger.
Undervoltage Lockout
An internal undervoltage lockout circuit (UVLO) monitors
the input voltage and keeps the charger in the inactive
sleep mode until VCC rises above the undervoltage exit
threshold. The ACP pin is high impedance while in the
sleep mode and becomes low impedance to ground when
in the active mode. The threshold is dependent upon the
number of series cells selected by the SEL0 and SEL1 pins
(see VUVI1-3 and VUVD1-3 in the Electrical Characteristics
table). The UVLO circuit has a built-in hysteresis of 100mV.
The thresholds are chosen to provide a minimum voltage
drop of approximately 600mV between minimum VCC and
BAT at a battery cell voltage of 1.8V. This helps to protect
against excessive saturation in the external power PNP
when the supply voltage is near its minimum. While
inactive the LTC4060 reduces battery current to just a
negligible leakage current (IBSL).
Manual Shutdown Control
The LTC4060 can be forced into a low quiescent current
shutdown while VCC is present by applying a low level to
the SHDN pin. In manual shutdown, charging is inhibited,
the internal timer is reset and oscillator disabled, CHRG
status output is high impedance and ACP continues to
provide the correct status. The LTC4060 will draw low cur-
rent from the supply (ISD), and only a negligible leakage
current is applied to the battery (IBSD). If a high level is
OPERATIO


Similar Part No. - LTC4060EDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
More results

Similar Description - LTC4060EDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Seaward Electronics Inc...
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
   Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49017 E-CMOS-EC49017 Datasheet
387Kb / 11P
   Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com