Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4060 Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LTC4060
Description  Standalone Linear NiMH/NiCd Fast Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4060 Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LTC4060 Datasheet HTML 4Page - Linear Integrated Systems LTC4060 Datasheet HTML 5Page - Linear Integrated Systems LTC4060 Datasheet HTML 6Page - Linear Integrated Systems LTC4060 Datasheet HTML 7Page - Linear Integrated Systems LTC4060 Datasheet HTML 8Page - Linear Integrated Systems LTC4060 Datasheet HTML 9Page - Linear Integrated Systems LTC4060 Datasheet HTML 10Page - Linear Integrated Systems LTC4060 Datasheet HTML 11Page - Linear Integrated Systems LTC4060 Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC4060
4060f
OPERATIO
The LTC4060 is a complete linear fast charging system for
NiMH or NiCd batteries. Operation can be understood by
referring to the Block Diagram, State Diagram (Figure 1)
and application circuit (Figure 2). While in the unpowered
sleep mode, the battery is disconnected from any internal
loading. The sleep mode is exited and the shutdown mode
is entered when VCC rises above the UVLO (Undervoltage
Lock Out) exit threshold. The UVLO thresholds are depen-
dent upon the number of series cells programmed by the
SEL0 and SEL1 pins. When shutdown occurs the ACP pin
goes from a high to low impedance state. The shutdown
mode is exited and the charge qualification mode entered
when all of the following conditions are met: 1) there is no
manual shutdown command from SHDN, 2) the battery
overvoltage detector does not detect a battery overvolt-
age, 3) the battery removal detector detects a battery in
place, 4) pause is inactive and 5) the IC’s junction tempera-
ture is normal. Once in the charge qualification mode the
thermistor interface monitors an optional thermistor net-
work to determine if the battery temperature is within
charging limits. If the temperature is found within limits
charging can begin. While charging, the CHRG pin pulls to
GND which can drive an LED.
CHARGE
QUALIFICATION
BATTERY PRESENT AND
TEMPERATURE GOOD
(OPTIONAL)
SHUTDOWN
SLEEP
SUPPLY
GOOD
(ACP = 0)
LOW OR NO
SUPPLY
MANUAL
SHUTDOWN
(SHDN = 0)
ADEQUATE SUPPLY
AND CHARGER ENABLED
BATTERY REMOVED,
BATTERY OVERVOLTAGE,
CHARGE PERIOD TIMED
OUT OR IC TOO HOT
PRECHARGE
(IMAX/5)
FAST CHARGE
(IMAX)
AUTOMATIC
RECHARGE
–∆V TERMINATION
4060 F01
ADEQUATE VCELL AND
TEMPERATURE GOOD
(OPTIONAL)
VCELL < AUTORECHARGE
THRESHOLD
Figure 1. LTC4060 Basic State Diagram


Similar Part No. - LTC4060

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
More results

Similar Description - LTC4060

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Seaward Electronics Inc...
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
   Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49017 E-CMOS-EC49017 Datasheet
387Kb / 11P
   Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com