Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4060 Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LTC4060
Description  Standalone Linear NiMH/NiCd Fast Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4060 Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LTC4060 Datasheet HTML 2Page - Linear Integrated Systems LTC4060 Datasheet HTML 3Page - Linear Integrated Systems LTC4060 Datasheet HTML 4Page - Linear Integrated Systems LTC4060 Datasheet HTML 5Page - Linear Integrated Systems LTC4060 Datasheet HTML 6Page - Linear Integrated Systems LTC4060 Datasheet HTML 7Page - Linear Integrated Systems LTC4060 Datasheet HTML 8Page - Linear Integrated Systems LTC4060 Datasheet HTML 9Page - Linear Integrated Systems LTC4060 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC4060
4060f
PI FU CTIO S
DRIVE (Pin 1): Base Drive Output for the External PNP
Pass Transistor. Provides a controlled sink current that
drives the base of the PNP. This pin has current limit
protection for the LTC4060.
BAT (Pin 2): Battery Voltage Sense Input Pin. The LTC4060
uses the voltage on this pin to monitor battery voltage and
control the battery current during charging. An internal
resistor divider is connected to this pin which is discon-
nected when in shutdown or when no power is applied to
VCC.
SENSE (Pin 3): Charge Current Sense Node Input. Current
from VCC passes through the internal current sense resis-
tor and reappears at the SENSE pin to supply current to the
external PNP emitter. The PNP collector provides charge
current directly to the battery.
TIMER (Pin 4): Charge Timer Input. A capacitor connected
between TIMER and GND along with a resistor connected
from PROG to GND programs the charge cycle timing
limits.
SHDN (Pin 5): Active Low Shutdown Control Logic Input.
When pulled low, charging stops and the LTC4060 supply
current is minimized.
PAUSE (Pin 6): Pause Enable Logic Input. The charger can
be paused, turning off the charge current, disabling termi-
nation and stopping the timer when this pin is high. A low
level will resume the charging process.
PROG (Pin 7): Charge Current Programming Input. Pro-
vides a virtual reference of 1.5V for an external resistor
(RPROG) tied between this pin and GND that programs the
battery charge current. The fast charge current will be 930
times the current through this resistor. This voltage is also
usable as system voltage reference.
ARCT (Pin 8): Autorecharge Threshold Programming
Input. When the average cell voltage falls below this
threshold, charging is reinitiated. The voltage on this pin
is conveniently derived by using two series PROG pin
resistors and connecting to their common. Connecting
ARCT to VCC invokes a default threshold of 1.3V. Connect-
ing ARCT to GND inhibits autorecharge.
SEL0, SEL1 (Pins 9, 10): Number of Cells Selection Logic
Input. For single cell, connect both pins to GND. For two
cells, connect SEL1 to GND and SEL0 to VCC. For three
cells, SEL1 connects to VCC and SEL0 to GND. For four
cells, connect both pins to VCC.
NTC (Pin 11): Battery Temperature Input. An external NTC
thermistor network may be connected to NTC to provide
temperature-based charge qualification. Connecting NTC
to GND inhibits this function.
CHEM (Pin 12): Battery Chemistry Selection Logic Input.
When connected to a high level NiCd fast charge –∆V
termination parameters are used. A low level selects NiMH
parameters.
ACP (Pin 13): Open-Drain Power Supply Status Output.
When VCC is greater than the undervoltage lockout thresh-
old, the ACP pin will pull to ground. Otherwise the pin is
high impedance. This output is capable of driving an LED.
VCC (Pin 14): Power Input. This pin can be bypassed to
ground with a capacitance of 1µF.
CHRG (Pin 15): Open-Drain Charge Indicator Status Out-
put. The LTC4060 indicates it is providing charge to the
battery by driving this pin to GND. If charging is paused or
suspended due to abnormal battery temperature, the pin
remains pulled to GND. Otherwise the pin is high imped-
ance. This output can drive an LED.
GND (Pin 16): Ground. This pin provides a ground for the
internal voltage reference and other circuits. All voltage
thresholds are referenced to this pin.
Exposed Pad (Pin 17): Thermal Connection. Internally
connected to GND. Solder to PCB ground for optimum
thermal performance.


Similar Part No. - LTC4060

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
More results

Similar Description - LTC4060

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Seaward Electronics Inc...
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
   Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49017 E-CMOS-EC49017 Datasheet
387Kb / 11P
   Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com