Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26001EM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM26001EM
Description  1.5A Switching Regulator with High Efficiency Sleep MODE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26001EM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM26001EM Datasheet HTML 7Page - National Semiconductor (TI) LM26001EM Datasheet HTML 8Page - National Semiconductor (TI) LM26001EM Datasheet HTML 9Page - National Semiconductor (TI) LM26001EM Datasheet HTML 10Page - National Semiconductor (TI) LM26001EM Datasheet HTML 11Page - National Semiconductor (TI) LM26001EM Datasheet HTML 12Page - National Semiconductor (TI) LM26001EM Datasheet HTML 13Page - National Semiconductor (TI) LM26001EM Datasheet HTML 14Page - National Semiconductor (TI) LM26001EM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Design Information (Continued)
SETTING OUTPUT VOLTAGE
The output voltage is set by the ratio of a voltage divider at
the FB pin as shown in the typical application. The resistor
values can be determined by the following equation:
Where Vfb = 1.234V typically.
A maximum value of 150k
Ω is recommended for the sum of
R1 and R2.
As input voltage decreases towards the nominal output volt-
age, the LM26001 can skip up to seven off-pulses as de-
scribed in the Low Vin Operation section. In low output
voltage applications, if the on-time reaches Ton
MIN, the de-
vice will skip on-pulses to maintain regulation. There is no
limit to the number of pulses that are skipped. In this mode of
operation, however, output ripple voltage may increase
slightly.
INDUCTOR
The output inductor should be selected based on inductor
ripple current. The amount of inductor ripple current com-
pared to load current, or ripple content, is defined as Iripple/
Iload. Ripple content should be less than 40%. Inductor
ripple current, Iripple, can be calculated as shown below:
Larger ripple content increases losses in the inductor and
reduces the effective current limit.
Larger inductance values result in lower output ripple voltage
and higher efficiency, but a slightly degraded transient re-
sponse. Lower inductance values allow for smaller case
size, but the increased ripple lowers the effective current
limit threshold.
Remember that inductor value also affects the sleep mode
threshold as shown in Figure 3.
When choosing the inductor, the saturation current rating
must be higher than the maximum peak inductor current and
the RMS current rating should be higher than the maximum
load current. Peak inductor current, Ipeak, is calculated as:
For example, at a maximum load of 1.5A and a ripple content
of 40%, peak inductor current is equal to 1.8A which is safely
below the minimum current limit of 1.85A. By increasing the
inductor size, ripple content and peak inductor current are
lowered, which increases the current limit margin.
The size of the output inductor can also be determined using
the desired output ripple voltage, Vrip. The equation to de-
termine the minimum inductance value based on Vrip is as
follows:
Where Re is the ESR of the output capacitors, and Vrip is a
peak-to-peak value. This equation assumes that the output
capacitors have some amount of ESR. It does not apply to
ceramic output capacitors.
If this method is used, ripple content should still be verified to
be less than 40%.
OUTPUT CAPACITOR
The primary criterion for selecting an output capacitor is
equivalent series resistance, or ESR.
ESR (Re) can be selected based on the requirements for
output ripple voltage and transient response. Once an induc-
tor value has been selected, ripple voltage can be calculated
for a given Re using the equation above for Lmin. Lower
ESR values result in lower output ripple.
20179430
FIGURE 7. Example Circuit
1.5A Max, 305 kHz
www.national.com
11


Similar Part No. - LM26001EM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001EM NSC-LM26001EM Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results

Similar Description - LM26001EM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com