Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN1382-RTX Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MN1382-RTX
Description  CMOS LSIs for Voltage Detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN1382-RTX Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MN1382-RTX Datasheet HTML 1Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 2Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 3Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 4Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 5Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 6Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 7Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 8Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Microcomputer Peripheral LSIs
MN1380 Series
Series Lineup
Output
Package
M type Package
TO-92 type Package
Mini type Package
CMOS output
MN1380
MN1381
MN1382
N-channel open drain output
MN13801
MN13811
MN13821
Inverted CMOS output
MN13802
MN13812
MN13822
Detection Ranks (on Voltage)
Rank
Detection Voltage for Drop in Power Supply Voltage (VDL)
Unit
Detection Voltage Hysteresis Width (
∆VD)
Unit
min
max
min
max
C
2.0
2.2
D
2.1
2.3
E
2.2
2.4
V
50
300
mV
F
2.3
2.5
G
2.4
2.6
H
2.5
2.7
J
2.6
2.9
V
50
300
mV
K
2.8
3.1
L
3.0
3.3
M
3.2
3.5
N
3.4
3.7
P
3.6
3.9
Q
3.8
4.1
V
100
300
mV
R
4.0
4.3
S
4.2
4.5
T
4.4
4.7
U
4.6
4.9


Similar Part No. - MN1382-RTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN1300 ETC2-MN1300 Datasheet
275Kb / 5P
   Alkaline-Manganese Dioxide Battery
More results

Similar Description - MN1382-RTX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
   Error Detection Correction LSIs for RDS Demodulators
LC7070N SANYO-LC7070N Datasheet
195Kb / 8P
   Sync and Error Detection & Correction LSIs for RDS
logo
NTE Electronics
NTE15044 NTE-NTE15044 Datasheet
19Kb / 2P
   Integrated Circuit CMOS, LSI for Supply Voltage Detection
logo
Nippon Precision Circui...
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
   Melody LSIs
CF1155 NPC-CF1155 Datasheet
65Kb / 7P
   Melody LSIs
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
   CMOS melody LSIs with built-in LED driver
SM1155 NPC-SM1155 Datasheet
75Kb / 7P
   Melody LSIs
CF1155 NPC-CF1155_06 Datasheet
74Kb / 8P
   Melody LSIs
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
   ADPCM SPEECH SYNTHESIZER LSIs
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com