Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ4091N-M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MAZ4091N-M
Description  Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4091N-M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MAZ4091N-M Datasheet HTML 1Page - Panasonic Semiconductor MAZ4091N-M Datasheet HTML 2Page - Panasonic Semiconductor MAZ4091N-M Datasheet HTML 3Page - Panasonic Semiconductor MAZ4091N-M Datasheet HTML 4Page - Panasonic Semiconductor MAZ4091N-M Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Zener Diodes
MAZ4150N
13.84
14.68
15.51
MAZ4150(N)-L
13.84
14.15
14.46
0.05
11.0
40
5
80
0.5
11.4
5
Brown Green
MAZ4150(N)-M
14.34
14.66
14.98
MAZ4150(N)-H
14.86
15.19
15.51
MAZ4160(N)
15.38
16.23
17.08
MAZ4160(N)-L
15.38
15.69
16.00
0.05
12.0
50
5
80
0.5
12.4
5
Brown Blue
MAZ4160(N)-M
15.86
16.18
16.50
MAZ4160(N)-H
16.36
16.72
17.08
MAZ4180(N)
16.94
17.98
19.02
MAZ4180(N)-L
16.94
17.32
17.70
0.05
13.0
60
5
80
0.5
14.4
5
Brown Gray
MAZ4180(N)-M
17.56
17.96
18.35
MAZ4180(N)-H
18.21
18.62
19.02
MAZ4200(N)
18.88
19.98
21.08
MAZ4200(N)-L
18.88
19.28
19.68
0.05
15.0
80
5
100
0.5
16.4
5
Red Black
MAZ4200(N)-M
19.53
19.95
20.37
MAZ4200(N)-H
20.22
20.65
21.08
MAZ4220(N)
20.89
22.02
23.15
MAZ4220(N)-L
20.89
21.33
21.76
0.05
17.0
80
5
100
0.5
18.4
5
Red
Red
MAZ4220(N)-M
21.56
22.01
22.45
MAZ4220(N)-H
22.25
22.70
23.15
MAZ4240(N)
22.93
24.25
25.57
MAZ4240(N)-L
22.93
23.45
23.96
0.05
19.0
100
5
120
0.5
20.4
5
Red Yellow
MAZ4240(N)-M
23.76
24.27
24.78
MAZ4240(N)-H
24.56
25.07
25.57
MAZ4270(N)
25.20
26.91
28.61
MAZ4270(N)-L
25.20
25.85
26.50
0.05
21.0
120
5
120
0.5
23.4
5
Red Purple
MAZ4270(N)-M
26.19
26.86
27.53
MAZ4270(N)-H
27.21
27.91
28.61
MAZ4300(N)
28.22
29.98
31.74
MAZ4300(N)-L
28.22
28.94
29.66
0.05
23.0
160
5
160
0.5
26.6
5
Orange Black
MAZ4300(N)-M
29.19
29.94
30.69
MAZ4300(N)-H
30.20
30.97
31.74
MAZ4330(N)
31.18
33.01
34.83
MAZ4330(N)-L
31.18
31.98
32.78
0.05
25.0
200
5
200
0.5
29.7
5
Orange Orange
MAZ4330(N)-M
32.15
32.97
33.79
MAZ4330(N)-H
33.13
33.98
34.83
MAZ4360(N)
34.12
36.02
37.91
MAZ4360(N)-L
34.12
34.99
35.86
0.05
27.0
250
5
250
0.5
33.0
5
Orange Blue
MAZ4360(N)-M
35.07
35.97
36.87
MAZ4360(N)-H
36.07
36.99
37.91
MAZ4390(N)
37.04
39.02
40.99
MAZ4390(N)-L
37.04
37.99
38.94
0.05
30.0
300
5
300
0.5
35.6
5
Orange White
MAZ4390(N)-M
38.00
38.97
39.94
MAZ4390(N)-H
38.99
39.99
40.99
I Electrical characteristics within part numbers (continued) T
a
= 25°C
Part Number
Zener voltage
Reverse current
Operating resistance
VZ (V)
IR
RZ
RZK
SZ
IZ = 5 mA
(
µA)
VR
(
Ω)I
Z
(
Ω)I
Z
(mV/
°C) I
Z
Min
Nom
Max
Max
(V)
Max
(mA)
Max
(mA)
Typ
(mA)
1st.
2nd.
3rd.
MAZ4000N Series
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25°C.
2. The zener voltage temperature coefficient is the one for Tj = 25°C to 150°C.
Temperature
coefficient of
zener voltage
Marking
Color indication
Main body:
light purple





Similar Part No. - MAZ4091N-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4091N PANASONIC-MAZ4091N Datasheet
92Kb / 6P
   Silicon planar type
MAZ4091N0H PANASONIC-MAZ4091N0H Datasheet
92Kb / 6P
   Silicon planar type
MAZ4091N0L PANASONIC-MAZ4091N0L Datasheet
92Kb / 6P
   Silicon planar type
MAZ4091N0M PANASONIC-MAZ4091N0M Datasheet
92Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ4091N-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com