Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ3160-M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MAZ3160-M
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ3160-M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MAZ3160-M Datasheet HTML 1Page - Panasonic Semiconductor MAZ3160-M Datasheet HTML 2Page - Panasonic Semiconductor MAZ3160-M Datasheet HTML 3Page - Panasonic Semiconductor MAZ3160-M Datasheet HTML 4Page - Panasonic Semiconductor MAZ3160-M Datasheet HTML 5Page - Panasonic Semiconductor MAZ3160-M Datasheet HTML 6Page - Panasonic Semiconductor MAZ3160-M Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Zener Diodes
396
MA3091
8.5
9.1
9.6
8
MAZ3091-L
8.58
8.8
9.02
6
0.2
8
60
6
15
0.5 130 3.8 5.5
7
70
90
MAZ3091-M
8.87
9.1
9.33
8.3
MAZ3091-H
9.14
9.4
9.6
8.6
MAZ3100
9.4
10
10.6
8.9
MAZ3100-L
9.44
9.7
9.92
7
0.2
8.9
60
8
20
0.5 130 4.5 6.4
8
70
90
MAZ3100-M
9.75
10
10.25
9.2
MAZ3100-H
10.07 10.3 10.59
9.5
MAZ3110
10.4
11
11.6
9.9
MAZ3110-L
10.4
10.7 10.94
7
0.1
9.9
60
10
20
0.5 170 5.4 7.4
9
65
85
MAZ3110-M
10.73
11
11.28
10.2
MAZ3110-H
11.05 11.3
11.6
10.5
MAZ3120
11.4
12
12.7
10.9
MAZ3120-L
11.4
11.7 11.96
8
0.1
10.9
60
10
25
0.5 170
6
8.4
10
65
85
MAZ3120-M
11.73
12
12.33
11.2
MAZ3120-H
12.06 12.3 12.68
11.5
MAZ3130
12.4
13
14.1
11.9
MAZ3130-L
12.4
12.7 12.99
9
0.1
11.9
60
10
30
0.5 170
7
9.4
11
60
80
MAZ3130-M
12.73
13
13.4
12.2
MAZ3130-H
13.25 13.7 14.08
12.7
MAZ3140-M
13.65
14
14.35
9
0.1 13.1 60
10
30
0.5 170
7
10
13
60
80
MAZ3150
13.9
15
15.6
13.4
MAZ3150-L
13.9
14.3 14.76
10 0.05
13.4
60
10
30
0.5 170 9.2 11.4 13
55
75
MAZ3150-M
14.6
15
15.35
14.1
MAZ3150-H
14.95 15.3
15.6
14.4
MAZ3160
15.3
16
17.1
14.8
MAZ3160-L
15.3
15.7 16.09
11 0.05
14.8
60
10
40
0.5 170 10.4 12.4 14
52
75
MAZ3160-M
15.7
16
16.5
15.2
MAZ3160-H
16.26 16.7
17.1
15.7
MAZ3180
16.9
18
19.1
16.4
MAZ3180-L
16.9
17.3 17.76
13 0.05
16.4
60
10
45
0.5 170 12.4 14.4 16
47
70
MAZ3180-M
17.55
18
18.45
17
MAZ3180-H
18.2
18.7
19.1
17.7
MAZ3200
18.8
20
21.2
18.3
MAZ3200-L
18.85 19.3 19.81
14 0.05
18.3
60
15
55
0.5 180 14.4 16.4 18
36
60
MAZ3200-M
19.50
20
20.5
19
MAZ3200-H
20.15 20.7 21.19
19.6
MAZ3220
20.8
22
23.3
20.3
MAZ3220-L
20.8
21.3 21.86
15 0.05
20.3
60
20
55
0.5 180 16.4 18.4 20
34
60
MAZ3220-M
21.45
22
22.55
20.9
MAZ3220-H
22.1
22.7 23.24
21.6
MAZ3240
22.8
24
25.6
22.3
MAZ3240-L
22.8
23.3 23.97
17 0.05
22.3
60
25
70
0.5 180 18.4 20.4 22
33
55
MAZ3240-M
23.5
24
24.7
23
MAZ3240-H
24.35
25
25.6
23.8
I Electrical characteristics within part numbers (continued) T
a = 25
°C
•V
Z = 9.1 V to 24 V (IZ = 5 mA)
Part Number
Zener voltage
Reverse current
VZ (V)
IR1 (
µA) I
R2 (
µA) R
Z (
Ω)R
ZK (
Ω)S
Z (mV/
°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
Marking Symbol
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
MAZ3000 Series
9.1L or 9.1M or 9.1H
9.1L
9.1M
9.1H
10L or 10M or 10H
10L
10M
10H
11L or 11M or 11H
11L
11M
11H
12L or 12M or 12H
12L
12M
12H
13L or 13M or 13H
13L
13M
13H
14M
15L or 15M or 15H
15L
15M
15H
16L or 16M or 16H
16L
16M
16H
18L or 18M or 18H
18L
18M
18H
20L or 20M or 20H
20L or 20M or 20H
20M
20H
22L or 22M or 22H
22L
22M
22H
24L or 24M or 24H
24L
24M
24H
Temperature
coefficient of zener
voltage
Terminal
capacitance
Operating
resistance


Similar Part No. - MAZ3160-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ3000 PANASONIC-MAZ3000 Datasheet
103Kb / 7P
   Silicon planar type
MAZ3000 PANASONIC-MAZ3000 Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
MAZ3020 PANASONIC-MAZ3020 Datasheet
103Kb / 7P
   Silicon planar type
MAZ3020 PANASONIC-MAZ3020 Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
MAZ3022 PANASONIC-MAZ3022 Datasheet
103Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ3160-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com