Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSLF-S090JR Datasheet(PDF) 4 Page - Hitachi Metals, Ltd

Part # FSLF-S090JR
Description  2012 Size Chip Multilayer Diplexer for CELL / GPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSLF-S090JR Datasheet(HTML) 4 Page - Hitachi Metals, Ltd

  FSLF-S090JR Datasheet HTML 1Page - Hitachi Metals, Ltd FSLF-S090JR Datasheet HTML 2Page - Hitachi Metals, Ltd FSLF-S090JR Datasheet HTML 3Page - Hitachi Metals, Ltd FSLF-S090JR Datasheet HTML 4Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Foot Pattern
Foot Pattern Example
0. 35
0. 3
0. 3
0. 35
0. 35
st r i p l i ne
50ohm
st r i p l i ne
50ohm
gr ound
gr ound
gr ound
All the technical data and information contained
herein are subject to change without notice.
LF-FSLF-S090JR-0406A


Similar Part No. - FSLF-S090JR

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLF-S090JG HITACHI-METALS-FSLF-S090JG Datasheet
56Kb / 4P
   2012 Size Chip Multilayer Diplexer for CELL / GPS
More results

Similar Description - FSLF-S090JR

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLF-S090JG HITACHI-METALS-FSLF-S090JG Datasheet
56Kb / 4P
   2012 Size Chip Multilayer Diplexer for CELL / GPS
FSLF-S080HL HITACHI-METALS-FSLF-S080HL Datasheet
51Kb / 4P
   2012 Size Chip Multilayer Diplexer for CELL / PCS
FSLF-080HR HITACHI-METALS-FSLF-080HR Datasheet
57Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLF-080ML HITACHI-METALS-FSLF-080ML Datasheet
61Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLF-080HL HITACHI-METALS-FSLF-080HL Datasheet
55Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLC-S170E HITACHI-METALS-FSLC-S170E Datasheet
85Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLC-S170N HITACHI-METALS-FSLC-S170N Datasheet
44Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLT-S009T HITACHI-METALS-FSLT-S009T Datasheet
88Kb / 8P
   2012 Size Chip Multilayer RF Transformer
FSLB-S245C HITACHI-METALS-FSLB-S245C Datasheet
61Kb / 3P
   2012 Size Chip Multilayer Band Pass Filter
logo
Pulse A Technitrol Comp...
DPX2012LL75R2455A PULSE-DPX2012LL75R2455A Datasheet
438Kb / 4P
   2012 2.4G&5GHz Diplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com