Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSLC-S190N Datasheet(PDF) 2 Page - Hitachi Metals, Ltd

Part # FSLC-S190N
Description  2012 Size 1850/1910 MHz Chip Multilayer Coupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSLC-S190N Datasheet(HTML) 2 Page - Hitachi Metals, Ltd

  FSLC-S190N Datasheet HTML 1Page - Hitachi Metals, Ltd FSLC-S190N Datasheet HTML 2Page - Hitachi Metals, Ltd FSLC-S190N Datasheet HTML 3Page - Hitachi Metals, Ltd FSLC-S190N Datasheet HTML 4Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Equivalent Circuits
Shape & Size
Specifications
Part Name: FSLC-S190N
1
4
6
1.25
1.0
2
4
6
unit(mm)
3
5
1
3
2,5 : Ground
3 : Isolation Port
1 : In
6 : Coupling Port
4 : Out
LC-FSLC-S190N-0406A
All the technical data and information contained
herein are subject to change without notice.
Frequency
Range
Coupling
Insertion
Loss
Isolation
Return Loss
Handling
Power
Temperature
Range
1850-1910MHz
14.5 +/- 1dB
0.6dB Max.
(0.3dB Typ.)
25dB Typ.
17dB Min.
(22dB Typ.)
1W Max.
(CW)
-35 to +85
deg.C


Similar Part No. - FSLC-S190N

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLC-S190N-W HITACHI-METALS-FSLC-S190N-W Datasheet
56Kb / 4P
   2012 Size 1.92/1.98GHz Band Chip Multilayer Coupler
More results

Similar Description - FSLC-S190N

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLC-S190E HITACHI-METALS-FSLC-S190E Datasheet
42Kb / 4P
   2012 Size 1850/1910 MHz Chip Multilayer Coupler
FSLC-S170E HITACHI-METALS-FSLC-S170E Datasheet
85Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLC-S090S-A HITACHI-METALS-FSLC-S090S-A Datasheet
43Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S090T-A HITACHI-METALS-FSLC-S090T-A Datasheet
55Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S170N HITACHI-METALS-FSLC-S170N Datasheet
44Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLC-S090M-G1 HITACHI-METALS-FSLC-S090M-G1 Datasheet
55Kb / 4P
   2012 Size 869/915 MHz Chip Multilayer Coupler
FSLC-S090T-P HITACHI-METALS-FSLC-S090T-P Datasheet
55Kb / 4P
   2012 Size 925/960 MHz Chip Multilayer Coupler
FSLC-S090S-G HITACHI-METALS-FSLC-S090S-G Datasheet
55Kb / 4P
   2012 Size 869/915 MHz Chip Multilayer Coupler
FSLC-S090M-A1 HITACHI-METALS-FSLC-S090M-A1 Datasheet
42Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S090S-P HITACHI-METALS-FSLC-S090S-P Datasheet
42Kb / 4P
   2012 Size 925/960 MHz Chip Multilayer Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com