Electronic Components Datasheet Search |
|
IMP8-1B1-00-A-XXX Datasheet(PDF) 6 Page - Astec America, Inc |
|
IMP8-1B1-00-A-XXX Datasheet(HTML) 6 Page - Astec America, Inc |
6 / 8 page Embedded Power for Business-Critical Continuity Rev. 1.30.06 iMP Series 6of 8 #8-32 MTG HOLES (4X) MARKED AS Y M4 MTG HOLES (4X) MARKED AS X M4 MOUNTING HOLES (4X) MARKED AS X y y x x i MP Series i MP8 (1000/1200 Watts Max) 7 7--IIn ncch h C Ca asse e S Siizze e:: iMP8: 2.5” x 7” x 10” (63.5mm x 177.8mm x 254mm) W We eiig gh htt:: iMP8 Case: 4.1 lbs. • 36 W Triple: 0.5 lb. • 210 W Single: 0.6 lb. • 360 W Single: 1.0 lb. • 600 W Single: 2.0 lbs. 144 W Dual: 0.6 lb. Notes 1. Input: Barrier type. Three No. 6-32 B.H. screws (0.375” centers). Max torque: 6 in-lbs. (0.67 N-m). 2. Control connectors: (J1) 10 position housing, gold plated contacts. Mates with Molex 90142-0010 housing with 90119-2110 crimp contacts (Molex C - Grid III Series) or AMP Model number 87977-3 with 87309-8 pins. Connector kit includes mating connector and 10 pins, Astec part #70-841-004. J2 10 position housing (Landwin 2051P1000T). Mates with housing 205051000 (Landwin) with 2053T011P (Landwin) pins. 3. Chassis material: aluminum with chemical film coating (conductive). 4. All dimensions are in millimeters and inches, and are typical. 5. Customer mounting -3 sides M4, bottom also includes 8-32 mounting holes. Max. penetration is 0.150” (3.8mm). Max. torque: 5in-lbs. 6. Output module connections: All single O/P modules are M4 x 8mm screws. Max. torque: 10in-lbs. Dual O/P module is M3 x 8mm screws. Max. torque: 5 in-lbs. Triple O/P module is .045” square pins on .156 centers. Mates with Molex 09-50-8063 or equivalent. |
Similar Part No. - IMP8-1B1-00-A-XXX |
|
Similar Description - IMP8-1B1-00-A-XXX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |