Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS65-M Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPS65-M
Description  60 Watts, Medical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS65-M Datasheet(HTML) 1 Page - Astec America, Inc

  LPS65-M Datasheet HTML 1Page - Astec America, Inc LPS65-M Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
94
Special Features
60 Watts
LPS60 Series
Medical
Electrical Specs
rev 08.11.04
VDE
0750/EN60601-1 (IEC601)
21310-3336-0015
UL
UL2601
E182560
CSA
CSA 22.2 No. 601.1
LR109492
CE
Mark (LVD)
• Medical safety approvals
• Universal input
• 3” x 5” footprint
• Remote sense
• Built-in EMI filter
• Low output ripple
• Adjustable output
• Overvoltage protection
• Overload protection
• 110 KHz switching frequency
• LPX60 enclosure kit available
Operating temperature: 0° to 50°C ambient
derate each output at 2.5% per degree from 50° to
70°C
Electromagnetic susceptibility: designed to meet
IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity: Operating; non-condensing
5% to 95%
Vibration: Three orthogonal axes, sweep at 1
oct/min, 5 min. dwell at four major resonances
0.75 G peak 5 Hz to 500 Hz, operational
Storage temperature: -40° to 85°C
Temperature coefficient: ±.04% per °C
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient conditions
Input
Input range
85-264 VAC
120-300 VDC
Frequency
47-440 Hz
Inrush current
<18 A peak @ 115 VAC;
<36 A peak @ 230 VAC,
cold start @ 25°C
Input current
1.5 A max. (RMS) @ 115 VAC
Efficiency
70% typical at full load
EMI filter
FCC Class A conducted
CISPR 22 Class A conducted
EN55022 class A conducted
VDE 0878 PT3 class A conducted
Safety ground leakage
current
<75 µA @ 50/60 Hz, 264 VAC input
Output
Maximum power
60 W for convection;
80 W with 30 CFM forced air
Adjustment range
-5, +10% minimum
Hold-up time
20 ms @ 60 W load, 115 VAC nominal line
Overload protection
Short circuit protection on all outputs.
Case overload
protected @ 110-145%
above peak rating
Overvoltage protection
5 V output: 5.7-6.7 VDC. Other outputs
10% to 25% above nominal output
Remote sense
Compensates for 0.5 V lead drop min. Will
operate without remote sense connected.
Reverse connection protected.
Environmental
Safety
Total Power:
60-80 Watts
Input Voltage: 85-264 VAC
120-300 VDC
# of Outputs:
Single


Similar Part No. - LPS65-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS65-M EMERSON-NETWORKPOWER-LPS65-M Datasheet
121Kb / 3P
   Medical safety approvals
logo
Artesyn Technologies
LPS65-M ARTESYN-LPS65-M Datasheet
789Kb / 3P
   60 Watts Medical
More results

Similar Description - LPS65-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS63-M ARTESYN-LPS63-M Datasheet
789Kb / 3P
   60 Watts Medical
logo
Sparkle Power Inc.
FSP600-92MPB SPI-FSP600-92MPB Datasheet
181Kb / 1P
   60 Watts ATX12V, Medical Grade Power Supply
logo
Powerbox
PMP90 POWERBOX-PMP90 Datasheet
850Kb / 2P
   60 - 90 WATTS SINGLE OUTPUT AC/DC MEDICAL - PRELIMINARY
TR60M POWERBOX-TR60M Datasheet
441Kb / 1P
   30 - 60 WATTS SINGLE OUTPUT AC/DC MEDICAL - PRELIMINARY
logo
Astec America, Inc
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
   60 Watts
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
   60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
   60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
   60 Watts
logo
Astec America, Inc
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
   60 Watts
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
   60 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com