Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSLB-S245C Datasheet(PDF) 3 Page - Hitachi Metals, Ltd

Part # FSLB-S245C
Description  2012 Size Chip Multilayer Band Pass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSLB-S245C Datasheet(HTML) 3 Page - Hitachi Metals, Ltd

  FSLB-S245C Datasheet HTML 1Page - Hitachi Metals, Ltd FSLB-S245C Datasheet HTML 2Page - Hitachi Metals, Ltd FSLB-S245C Datasheet HTML 3Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
START
8 0 0 . 0 0 0 0 0 0 MHz
STOP 2 8 0 0 . 0 0 0 0 0 0 MHz
2
1
4
8
l o g MAG
REF 0 d B
. 5 d B/
START 2 0 0 0 . 0 0 0 0 0 0 MHz
STOP 3 0 0 0 . 0 0 0 0 0 0 MHz
2 _ : - . 8 4 0 8
d B
2 4 5 0 . 0 0 0 0 0 0 MHz
1 _ : - . 9 2 9 2
d B
2 . 4 GHz
3 _ : - . 8 0 4 5
d B
2 . 5 GHz
5 _ : - 2 0 . 4 9 4 d B
1 . 9 2 GHz
6 _ : - 1 6 . 3 6 3 d B
1 . 9 8 GHz
7 _ : - 8 . 3 2 8 7 d B
2 . 1 1 GHz
8 _ : - 5 . 2 4 7 8 d B
2 . 1 7 GHz
1 1
9
1 0
1 1
9
1 0
1 _ : - 6 2 . 7 4 5 d B
8 8 0 MHz
2 _ : - 5 0 . 3 4
d B
9 6 0 MHz
3 _ : - 4 3 . 3 8 9 d B
1 . 7 1 GHz
4 _ : - 2 3 . 4 4 3 d B
1 . 8 8 GHz
9 _ : - . 8 6 4 9
d B
2 . 4 GHz
1 0 _ : - . 7 9 2 9
d B
1 1 _ : - . 7 5 6 6
d B
2 . 4 5 GHz
2 . 5 GHz
7
6
5
3
2
1
3
2
l o g MAG
REF 0 d B
1 0 d B/
START
5 0 0 . 0 0 0 0 0 0 MHz
STOP 6 0 0 0 . 0 0 0 0 0 0 MHz
1
2
3
3 _ : - 3 6 . 5 4 2 d B
5 0 0 0 . 0 0 0 0 0 0 MHz
1 _ : - . 8 8 2 1
d B
2 . 4 5 GHz
2 _ : - 5 4 . 7 9 2 d B
4 . 8 GHz
Typical data
Typical data
Attenuation
Insertion Loss
Suprious
Return loss
GSM
DCS 1800
W-CDMA
Bluetooth
Attenuation value
0
10
20
30
40
50
0
10
20
30
(dB)
0
0.5
1.0
1.5
2.0
(dB)
0
10
20
30
40
(dB)
50
Page-No. 3/3
Data-No.2MT44088


Similar Part No. - FSLB-S245C

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLB-S245A HITACHI-METALS-FSLB-S245A Datasheet
61Kb / 3P
   2012 Size Band Pass Filter for W-LAN/Bluetooth High Attenuation type
More results

Similar Description - FSLB-S245C

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
ESLB-S540A HITACHI-METALS-ESLB-S540A Datasheet
96Kb / 4P
   2012 Size Chip Band Pass Filter
FSLL-S240E HITACHI-METALS-FSLL-S240E Datasheet
54Kb / 4P
   2012 Size Chip Low Pass Filter
FSLC-S190E-W HITACHI-METALS-FSLC-S190E-W Datasheet
56Kb / 4P
   2012 Size 1.92/1.98GHz Band Chip Multilayer Coupler
FSLC-S190N-W HITACHI-METALS-FSLC-S190N-W Datasheet
56Kb / 4P
   2012 Size 1.92/1.98GHz Band Chip Multilayer Coupler
ESLB-P245BB HITACHI-METALS-ESLB-P245BB Datasheet
63Kb / 4P
   2.4-2.5GHz Band Chip Multilayer Band Pass Filter
ESLB-P540A HITACHI-METALS-ESLB-P540A Datasheet
60Kb / 4P
   4.9-5.9GHz Band Chip Multilayer Band Pass Filter
ESLB-P245BA HITACHI-METALS-ESLB-P245BA Datasheet
69Kb / 4P
   2.4-2.5GHz Band Chip Multilayer Band Pass Filter
logo
TDK Electronics
DEA252400BT-2030A1 TDK-DEA252400BT-2030A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2031A1 TDK-DEA252450BT-2031A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2063C1 TDK-DEA252450BT-2063C1_16 Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com