Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPS58 Datasheet(PDF) 1 Page - Astec America, Inc

Part # DPS58
Description  DPS50 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

DPS58 Datasheet(HTML) 1 Page - Astec America, Inc

  DPS58 Datasheet HTML 1Page - Astec America, Inc DPS58 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 06.14.05
Technical Support: (888) 41ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
190
Special Features
60 Watts
DPS50 Series
Electrical Specs
• CE Mark EMC & LVD
• Universal AC input
• Fully regulated output
• Overload and short circuit protection
•Internal remote sense
• Constant voltage
• High efficiency
• High MTBF
• IEC320 AC receptacle, 3 pin (type C14)
• Built in EMI filter (CISPR 22 Class B)
• LED power good indicator
• Input power <74 watts
• Complies with EN61000-3-2
Input
Input range
90 - 264 VAC (wide range),
127 - 300 VDC
Frequency
47 - 440 Hz
Inrush current
<50A @ 230 VAC, cold start @ 25C
Input current
<2.0A rms @ 115 VAC; <1A @ 230 VAC
Efficiency
>80% @ full load typical, @115VAC
EMI/RFI
FCC Part 15, Subpart B Class B &
EN55022 (CISPR 22) Class B
Safety ground
leakage current
<0.5mA @ 50/60 Hz, 264 VAC input
Output
Maximum Power (Po)
60W (DPS52, 30W)
Hold-up time
10 ms. typical at full load @ 115VAC
Overvoltage protection 20% - 45% above nominal output
maximum.
Latching type, recycle AC to reset.
Overload protection
Output short circuit protection
auto recover. Overload protected
@ 120 - 150% above maximum rating.
Cable/connector
DC cable with 2.5 mm center plug
barrel type
DC plug center +v
DC plug outer -v
Operating temperature: 0°C to +40°C
ambient. Derate each output as 2.5% per
degree from 40° to 60°C. -20°C start up.
Storage temperature: -40°C to +85°C
Electromagnetic susceptability
designed to meet EN61000-4;
-2, -3, -4, -5, -6, -8, -11, level 3
Humidity: Operating; non-condensing; 10%
to 95% RH
Vibration: Three orthogonal axes, 3 sweeps
per axe at 1 oct/min. 2G peak 8 Hz to 500 Hz,
operational
MTBF demonstrated: >550,000 hours at full
load and 25°C ambient conditions
U
ULL
UL 60950-1
C
CS
SA
A
CSA-C22.2 No. 60950-1
N
NE
EM
MK
KO
O
IEC/EN60950-1
V
VD
DE
E
EN60950-1
C
CE
E
EMC & LVD
C
CB
B
Certificate and report
C
CC
CC
C
GB4943
Environmental
Safety
Total Power:
30 - 60 Watts
Input Voltage: 127 - 300 VDC, 90 - 264 VAC
# of Outputs:
Single


Similar Part No. - DPS58

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DPS58 EMERSON-NETWORKPOWER-DPS58 Datasheet
456Kb / 2P
   Universal AC input
logo
Artesyn Technologies
DPS58 ARTESYN-DPS58 Datasheet
1Mb / 2P
   Fully regulated output
logo
Astec America, Inc
DPS58-M ASTEC-DPS58-M Datasheet
465Kb / 2P
   60 Watts
logo
Emerson Network Power
DPS58-M EMERSON-NETWORKPOWER-DPS58-M Datasheet
464Kb / 2P
   Medical safety approvals
More results

Similar Description - DPS58

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com