Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS550-3 Datasheet(PDF) 3 Page - Astec America, Inc

Part # DS550-3
Description  450-550 Watts 12V DS450-3/DS550-3 Distributed Power System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

DS550-3 Datasheet(HTML) 3 Page - Astec America, Inc

  DS550-3 Datasheet HTML 1Page - Astec America, Inc DS550-3 Datasheet HTML 2Page - Astec America, Inc DS550-3 Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TechnicalSupport: (888)41-ASTECor(407)241-2752
Americas:(760)930-4600
Europe(UK)44(1384)842-211
Asia(HK)852-2437-9662
3
MechanicalDimensions
NOTE: Dimensionsgivenin(mm).


Similar Part No. - DS550-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS550-3 EMERSON-NETWORKPOWER-DS550-3 Datasheet
180Kb / 3P
   Distributed Power System
DS550-3 EMERSON-NETWORKPOWER-DS550-3 Datasheet
372Kb / 4P
   Distributed Power System
logo
Artesyn Technologies
DS550-3 ARTESYN-DS550-3 Datasheet
673Kb / 4P
   Distributed Power Bulk Front-End
More results

Similar Description - DS550-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3_09 Datasheet
429Kb / 4P
   450 - 550 Watts Distributed Power System
logo
Astec America, Inc
DS1300-3 ASTEC-DS1300-3 Datasheet
274Kb / 4P
   1300 Watts 12V Distributed Power System
DS1500-3 ASTEC-DS1500-3 Datasheet
274Kb / 4P
   1500 Watts 12V Distributed Power System
logo
Artesyn Technologies
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
   500 Watts Distributed Power System
DS1600SPE ARTESYN-DS1600SPE Datasheet
791Kb / 8P
   1600 Watts Distributed Power System
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
   750 Watts Distributed Power System
logo
Emerson Network Power
DS2900 EMERSON-NETWORKPOWER-DS2900 Datasheet
405Kb / 4P
   2900 Watts Distributed Power System
logo
Artesyn Technologies
DS2900 ARTESYN-DS2900 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
   1100 Watts Distributed Power System
DS1100SLPE ARTESYN-DS1100SLPE Datasheet
700Kb / 7P
   1100 Watts Distributed Power System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com