Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA4-050US Datasheet(PDF) 3 Page - Astec America, Inc

Part # DA4-050US
Description  4 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

DA4-050US Datasheet(HTML) 3 Page - Astec America, Inc

  DA4-050US Datasheet HTML 1Page - Astec America, Inc DA4-050US Datasheet HTML 2Page - Astec America, Inc DA4-050US Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 1.23.06
DA4 Series
3of 3
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2006 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Mechanical Drawing
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in U S A
Notes:
1. Specifications subject to change without notice.
2. all dimensions in inches (mm), tolerance is ±.02"
3. Warranty: 1 year
4. Weight: 0.325 lb. / 0.148 kg.
CASE BOTTOM
CASE TOP
2.36"
(60.0)
78.7"
(2000.0)
DA4-050CH


Similar Part No. - DA4-050US

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA4-050US EMERSON-NETWORKPOWER-DA4-050US Datasheet
570Kb / 3P
   Switching wallmount power supply
DA4-050US EMERSON-NETWORKPOWER-DA4-050US Datasheet
511Kb / 3P
   DA4 Series 4 Watts
More results

Similar Description - DA4-050US

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA4-050EU EMERSON-NETWORKPOWER-DA4-050EU Datasheet
511Kb / 3P
   DA4 Series 4 Watts
logo
Anaren Microwave
A4B50X1A ANAREN-A4B50X1A Datasheet
261Kb / 2P
   Chip Termination 4 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
logo
XP Power Limited
JCA04 XPPOWER-JCA04 Datasheet
378Kb / 2P
   4/6 Watts JCA Series
JTC04 XPPOWER-JTC04 Datasheet
261Kb / 2P
   4/6 Watts JTC Series
logo
Anaren Microwave
RFP-050060-15X50-2 ANAREN-RFP-050060-15X50-2 Datasheet
498Kb / 2P
   Chip Terminations 4 Watts, 50ohm
logo
Total Power Internation...
MIW2000 TOTAL-POWER-MIW2000 Datasheet
274Kb / 8P
   3-4 Watts 4 :1 Wide Input Range DC/DC Converters
logo
ON Semiconductor
BUL42D ONSEMI-BUL42D Datasheet
176Kb / 12P
   4 AMPERES 700 VOLTS 75 WATTS POWER TRANSISTOR
April, 2002 ??Rev. 1
BUH50 ONSEMI-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
Motorola, Inc
BUH50 MOTOROLA-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com