Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATH30T05-9SJ Datasheet(PDF) 2 Page - Astec America, Inc

Part # ATH30T05-9SJ
Description  30Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH30T05-9SJ Datasheet(HTML) 2 Page - Astec America, Inc

  ATH30T05-9SJ Datasheet HTML 1Page - Astec America, Inc ATH30T05-9SJ Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Output2
Efficiency3
Model Number
Voltage
Voltage
Current
3.0V to 3.6V
0.8V to 2.5V
30A
93%
ATH30T033 - 9(S)(J)
4.5V to 5.5V
0.8V to 3.6V
30A
94%
ATH30T05 - 9(S)(J)
10.8V to 13.2V
1.2V to 5.5V
26A
94%
ATH26K12 - 9(S)(J)
OPTIONS:
“-9J”
- Output Trim, TH termination, Tray Packaging
“-9SJ”
- Output Trim, SMT termination, Tray Packaging
Pin Assignments
Single Output
PINS
GND
: 1, 3
Vin
: 2
Inhibit
: 4
Vo Adjust
: 5
Vo Sense
: 6
Vout
: 8, 9
GND
: 7, 10
Track
: 11
Margin Down
: 12
Margin Up
: 13
Notes:
1. Nominal values apply with sense pins
connected to +Vout and Ground Return
with other control pins unconnected.
2. Output derating applies at elevated
ambient temperature.
3. Typical efficiency taken at 20A load, 2.5V
output (3.3Vin device); 20A load, 3.3V
output (5Vin device); 18A load, 5V output
(12Vin device).
4. Mechanical Dimensions are nominal values.
5. Consult the technical reference notes when
available.
6. Auto-Track™ is a trademark of Texas
Instruments.
7. Specification subject to change without
notice.
Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability as a
result of its use or application. (REV02: OCTOBER 21, 2004)
Through-hole and SMT Outline [in (mm)]


Similar Part No. - ATH30T05-9SJ

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH30T05-9S ASTEC-ATH30T05-9S Datasheet
409Kb / 16P
   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com