Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEQ20A48N Datasheet(PDF) 2 Page - Astec America, Inc

Part # AEQ20A48N
Description  25 Amps,20 Amps,8.33 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ20A48N Datasheet(HTML) 2 Page - Astec America, Inc

  AEQ20A48N Datasheet HTML 1Page - Astec America, Inc AEQ20A48N Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMERICAS
EUROPE
ASIA
5810 Van Allen Way
Astec House, Waterfront
Units 2111-2116, Level 21
Carlsbad, CA 92008
Business Park,Merry Hill, Dudley
Tower1, Metroplaza
Telephone: 760-930-4600
West Midlands, DY5 1LX, UK
223, Hing Fong Road
Facsimile: 760-930-0698
Telephone: 44 (1384) 842-211
Fwai Fong, New Territories
Facsimile: 44 (1384) 843-355
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
48V
2.5V
25A
88% Typ
ALQ25G48N,AEQ25G48N
48V
3.3V
25A
89.5% Typ
ALQ25F48N,AEQ25F48N
48V
12V
8.33A
90% Typ
ALQ08B48N,AEQ08B48N
NOTES: “N” = Negative logic enable (without “N” = Positive logic enable)
Single Output
1. +Vin
2. Enable (On/Off)
3. -Vin
4. + Output
5. +Sense
6. Trim
7. -Sense
8.-Output
Open frame
Baseplated (for 12V)
Device code suffix
Length
-4
4.8mm ! 0.5mm
-6
3.8mm ! 0.5mm
-8
2.8mm ! 0.25mm
None
5.8mm ! 0.5mm
Notes:
1. All specifications subject to change without notice. Mechanical
drawings are for reference only.
2. Technical Reference Notes should be consulted for detailed
information when available.
REV 1: Auguest 2005
2
www.astecpower.com
Open frame
Tolerance: X.Xmm ! 0.5mm; X.XXmm ! 0.25mm
Baseplated (for 2.5V, 3.3V and 5V)
Input Voltage
Output Voltage
Output Current
Efficiency
Model Number
Pin Assignments
Ordering Information
48V
5V
20A
90% Typ
ALQ20A48N,AEQ20A48N


Similar Part No. - AEQ20A48N

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEQ20A48N-L EMERSON-NETWORKPOWER-AEQ20A48N-L Datasheet
104Kb / 2P
   Delivers up to 25 A output current
More results

Similar Description - AEQ20A48N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO25 ASTEC-ALO25 Datasheet
165Kb / 2P
   25 Amps
ALD25 ASTEC-ALD25 Datasheet
328Kb / 2P
   25 Amps
logo
Naina Semiconductor ltd...
NTD27A NAINA-NTD27A Datasheet
171Kb / 3P
   Thyristor-Diode Module, 25 Amps
NTD27 NAINA-NTD27 Datasheet
219Kb / 3P
   Thyristor-Diode Module, 25 Amps
logo
Taiwan Semiconductor Co...
MBR25100CT TSC-MBR25100CT Datasheet
1Mb / 2P
   25 AMPS. Schottky Barrier Rectifiers
logo
Naina Semiconductor ltd...
NPT25 NAINA-NPT25 Datasheet
159Kb / 2P
   Press Fit Triac, 25 Amps
NTT27 NAINA-NTT27 Datasheet
206Kb / 2P
   Thyristor-Thyristor Module, 25 Amps
NTT27A NAINA-NTT27A Datasheet
162Kb / 2P
   Thyristor-Thyristor Module, 25 Amps
logo
Hammond Manufacturing L...
1584S20 HAMMOND-1584S20 Datasheet
76Kb / 1P
   Ratings - 125 VAC, 20 Amps
logo
ON Semiconductor
NTD40N03R ONSEMI-NTD40N03R Datasheet
65Kb / 8P
   Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com