Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALQ25B50 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALQ25B50
Description  300 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25B50 Datasheet(HTML) 2 Page - Astec America, Inc

  ALQ25B50 Datasheet HTML 1Page - Astec America, Inc ALQ25B50 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Output
Efficiency
Model Number
Voltage
Voltage
Current
42V to 53V
12.0V
25A*
96% Typ
ALQ25B50
42V to 53V
12.0V
25A*
96% Typ
ALQ25B50-6
42V to 53V
12.0V
25A*
96% Typ
ALQ25B50N
42V to 53V
12.0V
25A*
96% Typ
ALQ25B50N-6
36V to 53V
12.0V
25A*
96% Typ
ALQ25B50N-AL
OPTIONS:
Enable Function
"N" = negative logic enable
without "N" = positive logic enable (default)
Pin Length Option
“-6” = 3.7mm (nominal)
Standard pin length is 5mm nominal
Others
“-AL” = Autorecovery mode and lower UVLO range (34V to 36Vdc)
* Derating / airflow required at elevated ambient operating temperature, consult the Technical Rreference Notes
2.00
[50.8]
2.30
[58.4]
PIN SIDE DOWN
PIN SIDE UP
0.15
[3.8]
1.04
[26.5]
0.74
[18.9]
0.44
[11.2]
1.48
[37.6]
1
2
3
SIDE VIEW
MECHANICAL TOLERANCE ± .002(0.5)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
PIN PLACEMENT TOLERANCE : ± 0.005(0.127)
4 - Vout
5+ Vout
0.44
[11.2]
0.60
[15.2]
1 + Vin
3 -VIN
2 Enable (On/Off)
PIN ASSIGNMENT
NOTES:
0.06 Ø
0.22
[5.5]
0.38
[9.6]
5
4
[1.0Ø]
0.04Ø
[1.5Ø]
Pin Assignments
Single Output
1.
+ Vin
2.
Enable
3.
- Vin
4.
- Vout
5.
+ Vout
Notes:
1. Part number suffix “-AL” designates:
- 36V to 53V Input voltage range
- lower UVLO range (34V to 36V)
- Autorecovery mode after fault protection
2. 20MHz BW limited with external 10uF tantalum
cap. + 0.1uF ceramic cap across the output.
220uF low ESR cap required across the input
pins.
3. Output may need to be derated and airflow
added when operating at elvetaed ambient
temperature.
4. All specifications are typical at nominal line, full
load and 25oC ambient temp unless otherwise
noted.
5. Technical Reference Notes should be consulted
for detailed information when available.
6. Warranty: 1yr
Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability as a
result of its use or application. (REV 01: APRIL 7, 2005)
0.20
[5.0]


Similar Part No. - ALQ25B50

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25B50 ASTEC-ALQ25B50 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
ALQ25B50-6 ASTEC-ALQ25B50-6 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
ALQ25B50N ASTEC-ALQ25B50N Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
ALQ25B50N-6 ASTEC-ALQ25B50N-6 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
More results

Similar Description - ALQ25B50

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
BM80A ASTEC-BM80A Datasheet
627Kb / 2P
   300 Watts
logo
Integrated Power Design...
CE-300 IPDPOWER-CE-300 Datasheet
247Kb / 2P
   300 WATTS CE-300 SERIES AC-DC
REV. K 10/06/2022
logo
Artesyn Technologies
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
logo
XP Power Limited
PBM300 XPPOWER-PBM300 Datasheet
161Kb / 2P
   300 Watts PBM300 Series
logo
Sparkle Power Inc.
FSP300-60GHS SPI-FSP300-60GHS Datasheet
236Kb / 1P
   300 Watts SFX Power Supply
SPI300T8HNB SPI-SPI300T8HNB Datasheet
98Kb / 1P
   300 Watts TFX Power Supply
logo
Anaren Microwave
RFP-375375-6X50-2 ANAREN-RFP-375375-6X50-2 Datasheet
503Kb / 2P
   Chip Terminations 300 Watts, 50ohm
logo
Sparkle Power Inc.
FSP350-60GHS85 SPI-FSP350-60GHS85 Datasheet
129Kb / 1P
   300 Watts SFX Power Supply
logo
Anaren Microwave
A300B50X1A ANAREN-A300B50X1A Datasheet
349Kb / 2P
   Chip Termination 300 Watts, 50W
logo
XP Power Limited
RDH300 XPPOWER-RDH300 Datasheet
712Kb / 6P
   DC-DC Converter 300 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com