Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL60A-048L-050F20 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AL60A-048L-050F20
Description  120 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AL60A-048L-050F20 Datasheet(HTML) 1 Page - Astec America, Inc

  AL60A-048L-050F20 Datasheet HTML 1Page - Astec America, Inc AL60A-048L-050F20 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
120 Watts
AL60A
• High efficiency - up to 86%
• 500 KHz fixed frequency
• 100°C baseplate operating
temperature (with no derating)
• Low output ripple and noise
• Excellent transient response
• Safety isolated low voltage control and
monitoring
• High reliability
• Wide input voltage range
• Parallelable with accurate current sharing
• Adjustable output voltage and current limit
• Regulation to zero load
• Temperature monitor output
Operating temperature (baseplate):
-20°C to +85°C
Storage temperature: -40°C to +105°C
Overtemperature shutdown: 90°C typical
MTBF: > 1 million hours (50°C baseplate)
UL
UL 1950
E182206 & E32002
CSA
CSA22.2-234
LR53982C
CSA22.2-950
VDE
IEC 950 20396-3336-1003 & 1009
EN
60950
CE
CEMark (LVD)
Input
Input Range
180 to 400 VDC or 36 to 72 VDC
Efficiency
83% typical (5V @ 20A);
85% typical (12V @ 9A)
Output
Load Regulation
0.2% typical down to no load
Line Regulation
0.1% typical
Noise/Ripple
75 mV typical (output below 5V)
2% typical (output 5V and over)
Remote sense
Up to 0.5V
Output Voltage
Adjust Range
±10% of nominal output
Transient Response
4% typical deviation with
250µs recovery (25-75% full load)
Current Share Accuracy
5% typical
Overvoltage Protection
125% nominal Vo
Current Limit
110% Io max
Control
Voltage Adjust
90 to 110% Vo
Enable
TTL compatible (low to enable)
Clock Input
(external sync)
3.3 to 5.5Vp-p @ 1MHz ± 10%
Temperature
Monitor Output
10 mV/°K (2.73V = 0°C)
Current Monitor Output
0 to 1mA (1mA = 100% Io Rated)
Environmental
Total Power:
120 Watts
Input Voltages:
12V, 24V or 48V
No. of Outputs:
Single, Dual
Safety
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
50
W9959_02_DCDC_001-073_73
2/8/02
3:38 PM
Page 50


Similar Part No. - AL60A-048L-050F20

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
AL60-OW IDEC-AL60-OW Datasheet
3Mb / 14P
   A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
AL60-W IDEC-AL60-W Datasheet
3Mb / 14P
   A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
logo
AverLogic Technologies ...
AL600 AVERLOGIC-AL600 Datasheet
749Kb / 5P
   DTV Controller
More results

Similar Description - AL60A-048L-050F20

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA20140 ASTEC-AA20140 Datasheet
577Kb / 2P
   120 Watts
LPS120 ASTEC-LPS120 Datasheet
209Kb / 3P
   120 Watts
ADN5-24-3PM ASTEC-ADN5-24-3PM Datasheet
377Kb / 2P
   120-960 Watts
NTQ123 ASTEC-NTQ123 Datasheet
252Kb / 2P
   70-120 Watts
logo
Emerson Network Power
ALO EMERSON-NETWORKPOWER-ALO Datasheet
1Mb / 4P
   66/120 Watts
logo
List of Unclassifed Man...
HY2004 ETC2-HY2004 Datasheet
61Kb / 2P
   120 WATTS Power Amplifier
logo
Artesyn Technologies
AVO120-48S12-4L ARTESYN-AVO120-48S12-4L Datasheet
498Kb / 3P
   Total Power: 120 Watts
logo
Tumbler Technologies + ...
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
logo
Artesyn Technologies
AVD100-48S05-6L ARTESYN-AVD100-48S05-6L Datasheet
497Kb / 3P
   Total Power: 100 - 120 Watts
logo
Qualtek Electronics Cor...
QADA-120 QUALTEK-QADA-120 Datasheet
757Kb / 2P
   120 Watts Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com