Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALO15B50 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALO15B50
Description  180 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO15B50 Datasheet(HTML) 1 Page - Astec America, Inc

  ALO15B50 Datasheet HTML 1Page - Astec America, Inc ALO15B50 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
ALO15B50
180 Watts
Special Features
• High efficiency (96% Typical)
• Industry standard package
8th Brick 0.90” x 2.30" x 0.38"
• High capacitive load limit on
start-up
• 12V Intermediate Bus
Voltage for DPA application
• Output Enable Pin
• Undervoltage lockout
• Over Temperature Protection
• Meets Basic Insulation
• EU directive 2002/95/EC
compliant for RoHS
Total Power:
180 Watts
Input Voltage: 48V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
36V to 55V
Efficiency
96%@ 12V (typical)
Over Voltage Protection
60V typical
Output
Output current
0A to 15 max (180W output power)
Line regulation
-25% / +15% Vo, nom
Load regulation
5% Vo (typical)
Noise/ripple1
90mV (typical)
Over current limit
115% IO,MAX typical (autorecovery)
Over temperature protection 125°C average PCB temperature (autorecovery)
Switching frequency
220kHz
Control
Enable
Positive and Negative logic options
Isolation Voltage
Input to Output
1500Vdc max
U
ULL,, ccU
ULL 60950-1
T
TU
UV
V
EN60950-1
Rev. 04.20.06
ALO15B50
1 of 2
Operating ambient temperature range
-40°C to +85°C ambient
Storage temperature
-55°C to +125°C
MTBF
>1 million hours
Environmental Specifications
RoHS


Similar Part No. - ALO15B50

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO15B50 EMERSON-NETWORKPOWER-ALO15B50 Datasheet
88Kb / 2P
   High efficiency (96% Typical)
ALO15B50-6 EMERSON-NETWORKPOWER-ALO15B50-6 Datasheet
88Kb / 2P
   High efficiency (96% Typical)
ALO15B50-6L EMERSON-NETWORKPOWER-ALO15B50-6L Datasheet
88Kb / 2P
   High efficiency (96% Typical)
ALO15B50-L EMERSON-NETWORKPOWER-ALO15B50-L Datasheet
88Kb / 2P
   High efficiency (96% Typical)
ALO15B50N EMERSON-NETWORKPOWER-ALO15B50N Datasheet
88Kb / 2P
   High efficiency (96% Typical)
More results

Similar Description - ALO15B50

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
TRA150-180 TRUMPOWER-TRA150-180 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
logo
Sparkle Power Inc.
FSP180-50MP SPI-FSP180-50MP Datasheet
140Kb / 1P
   180 Watts,SFX12V-2.0, 1U high.
FSP180-51NIV SPI-FSP180-51NIV Datasheet
139Kb / 1P
   180 Watts SFX12V Switching Power Supply
FSP180-60SAV SPI-FSP180-60SAV Datasheet
73Kb / 1P
   180 Watts TFX12V Switching Power Supply
FSP180-50NIV SPI-FSP180-50NIV Datasheet
100Kb / 1P
   180 Watts SFX12V Switching Power Supply
logo
Bel Fuse Inc.
ABC180 BEL-ABC180 Datasheet
802Kb / 7P
   180 Watts with Forced Air Cooling
logo
Sparkle Power Inc.
FSP250-50GUB85 SPI-FSP250-50GUB85 Datasheet
40Kb / 1P
   180 Watts Flex ATX Swithcing Power Supply
FSP180-60PLA SPI-FSP180-60PLA Datasheet
78Kb / 1P
   180 Watts Flex ATX12V Switching Power Supply
SPI180LE SPI-SPI180LE Datasheet
81Kb / 2P
   180 Watts Flex ATX Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com