Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ4056N-M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ4056N-M
Description  Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4056N-M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ4056N-M Datasheet HTML 1Page - Panasonic Semiconductor MAZ4056N-M Datasheet HTML 2Page - Panasonic Semiconductor MAZ4056N-M Datasheet HTML 3Page - Panasonic Semiconductor MAZ4056N-M Datasheet HTML 4Page - Panasonic Semiconductor MAZ4056N-M Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Zener Diodes
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.83
0.9
V
Zener voltage*
2
VZ
IZ ·················· Specified value
V
Operating resistance
RZK
IZ ·················· Specified value
RZ
IZ ·················· Specified value
Reverse current
IR
VR ··············· Specified value
µA
Temperature coefficient of zener voltage*
3
SZ
IZ ·················· Specified value
mV/
°C
MAZ4000N Series
Silicon planar type
For stabilization of power supply
I Features
• Extremely low noise voltage caused from diode (1/3 to 1/10 of
our conventional MAZ4000 series)
• Extremely good rising performance (in the low-current range)
• Easy-to-identify the zener-voltage rank by the color bands
• Easy-to-select the optimum diode because of their finely divided
zener-voltage ranks
• Easy-to-mount through the adoption of the small glass-sealed DHD
package (DO-34)
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Average forward current
IF(AV)
250
mA
Repetitive peak forward current
IFRM
250
mA
Total power dissipation*
Ptot
400
mW
Junction temperature
Tj
200
°C
Storage temperature
Tstg
−65 to +200
°C
I Common Electrical Characteristics T
a = 25°C
*1
Note) 1
.Rated input/output frequency: 5 MHz
2
.*1 : The VZ value is for the temperature of 25°C. In other cases, carry out the temperature compensation.
*2 : Guaranteed at 20 ms after power application.
*3 :Tj = 25°C to 150°C
•Color indication of V
Z rank classification
Cathode on the first band (wide)
1 : Cathode
2 : Anode
JEDEC : DO-34
(Main body to be pained in light purple)
Note) * : With a printed-circuit board
Refer to the list of the
electrical characteristics
within part numbers
L rank
M rank
H rank
Black
Blue
Red
Colored band indicates
Vz classification
1st Band
2nd Band
3rd Band
φ 0.45 max.
φ 1.75 max.
2
1


Similar Part No. - MAZ4056N-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4056N PANASONIC-MAZ4056N Datasheet
92Kb / 6P
   Silicon planar type
MAZ4056N0H PANASONIC-MAZ4056N0H Datasheet
92Kb / 6P
   Silicon planar type
MAZ4056N0L PANASONIC-MAZ4056N0L Datasheet
92Kb / 6P
   Silicon planar type
MAZ4056N0M PANASONIC-MAZ4056N0M Datasheet
92Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ4056N-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com