Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK40A Datasheet(PDF) 1 Page - Astec America, Inc

Part # AK40A
Description  15 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AK40A Datasheet(HTML) 1 Page - Astec America, Inc

  AK40A Datasheet HTML 1Page - Astec America, Inc AK40A Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
15 Watts
• Surface Mount
• High Power Desnity 15W/Cu. in.
• Full power capability without external heatsink
• Input differential and common mode filtering
• Hot insertable with inrush current limit
• Ability to limit inrush current in an external
capcacitor
• Input undervoltage lockout with hysteresis
• Output overvoltage protection
• Remote shutdown
Input
Input Range
36 to 75 VDC for 48V
18 to 36 VDC for 24V
Maximum Inrush
Current Limit:
1.0 A Max
Maximum External
Capacitor to Limit:
4.0mF
Low Input Shutdown:
34.0V ±2.0V for 48V
17.0V ±1.0V for 24V
Auto Recovery:
37.0V ±2.0V for 48V
18.5V ±1.0V for 24V
Hysteresis:
3.0V ±1.0V for 48V
1.5V ±0.5V for 24V
Efficiency:
85%
Enable:
Open Circuit or up to 0.5V max.
Disable:
4V min, 75V max
Output
Voltage Tolerance:
±3% for single output
Noise/Ripple:
75mVrms max.
Output Voltage
Adjust Range:
±10% for single output
Overvoltage Protection:
Self limiting Clamp, 140% max
Short Circuit Protection:
Continuous Auto Start
Switching Frequency:
200kHz nominal
Ambient air operating temperature range:
-40°C to +75°C (no derating)
Cooling Method: Convection
MTBF: > 7.5 Mhrs
Storage and Handling per Jedec Std-033
Moisture Sensitivity Level 2
UL
1950
IEC
950
CSA
C22.2-9.50
CB
52719-106
Environmental
Total Power:
15W
Input Voltages:
24V, 48V
No. of Outputs:
Single
Safety
AK40A


Similar Part No. - AK40A

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK401-2 ASSMANN-AK401-2 Datasheet
118Kb / 1P
   ASS 7239 CA
AK402-5-R ASSMANN-AK402-5-R Datasheet
85Kb / 1P
   Serial/Parallel Connection Cable
AK402013-R ASSMANN-AK402013-R Datasheet
300Kb / 1P
   plastic housing, M/F, black
logo
Alpha Industries
AK402D4-11 ALPHA-AK402D4-11 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AK402D4-31 ALPHA-AK402D4-31 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Similar Description - AK40A

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
   15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
   15 Watts
logo
TT Electronics.
PLO TTELEC-PLO Datasheet
374Kb / 2P
   3 watts to 15 watts
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
   3 watts to 15 watts
LPW TTELEC-LPW Datasheet
155Kb / 2P
   3 watts to 15 watts
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
   POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
   POWER 15 Watts
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
   10/15 Watts
logo
XP Power Limited
JCM2024S3V3 XPPOWER-JCM2024S3V3 Datasheet
119Kb / 2P
   15/20 Watts
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
   15 Watts JTH Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com