Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7907PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7907PBF
Description  HEXFETR Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7907PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF7907PBF Datasheet HTML 2Page - International Rectifier IRF7907PBF Datasheet HTML 3Page - International Rectifier IRF7907PBF Datasheet HTML 4Page - International Rectifier IRF7907PBF Datasheet HTML 5Page - International Rectifier IRF7907PBF Datasheet HTML 6Page - International Rectifier IRF7907PBF Datasheet HTML 7Page - International Rectifier IRF7907PBF Datasheet HTML 8Page - International Rectifier IRF7907PBF Datasheet HTML 9Page - International Rectifier IRF7907PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7907PbF
6
www.irf.com
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 19. Maximum Drain Current vs. Ambient Temp.
Fig 20. Maximum Drain Current vs. Ambient Temp.
Fig 21. Threshold Voltage vs. Temperature
Fig 22. Threshold Voltage vs. Temperature
Fig 23. Maximum Avalanche Energy vs. Drain Current
Fig 24. Maximum Avalanche Energy vs. Drain Current
-75
-50
-25
0
25
50
75
100 125 150
TJ, Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 250µA
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
10
20
30
40
50
I D
TOP
3.0A
3.5A
BOTTOM
7.0A
25
50
75
100
125
150
TJ, Ambient Temperature (°C)
0
2
4
6
8
10
12
-75
-50
-25
0
25
50
75
100 125 150
TJ, Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 250µA
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
10
20
30
40
50
60
I D
TOP
3.8A
4.4A
BOTTOM
8.8A
25
50
75
100
125
150
TJ, Ambient Temperature (°C)
0
2
4
6
8
10


Similar Part No. - IRF7907PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7907PBF IRF-IRF7907PBF Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF Datasheet
325Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7907PBF-1 IRF-IRF7907PBF-1 Datasheet
281Kb / 11P
   Industry-standard pinout SO-8 Package
IRF7907PBF-1 IRF-IRF7907PBF-1_15 Datasheet
281Kb / 11P
   Industry-standard pinout SO-8 Package
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
More results

Similar Description - IRF7907PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ10 IRF-IRFZ10 Datasheet
354Kb / 8P
   HEXFETR POWER MOSFET
IRFR020 IRF-IRFR020 Datasheet
1Mb / 9P
   HEXFETR Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com