Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ7270-B Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MAZ7270-B
Description  Silicon planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ7270-B Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MAZ7270-B Datasheet HTML 1Page - Panasonic Semiconductor MAZ7270-B Datasheet HTML 2Page - Panasonic Semiconductor MAZ7270-B Datasheet HTML 3Page - Panasonic Semiconductor MAZ7270-B Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Zener Diodes
4
MAZ7000 Series
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
SZ  IZ
0
240
200
160
120
80
40
02468
10
12
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Characteristics
RZ  IZ
0.1
0.5
1
10
100
1 000
1
300
10
100
30
3
Zener current I
Z
(mA)
Ta
= 25°C
MAZ7270
MAZ7200
MAZ7150
MAZ7091
MAZ7068
0
120
100
80
60
40
20
0
1020304050
60
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Characteristics
0
240
200
160
120
80
40
02468
10
12
Zener voltage V
Z
(V)
Tj
= 25°C
Dynamic
Characteristics
−4
8
6
4
2
0
−2
0
1020304050
60
Zener current I
Z
(mA)
Tj
= 25°C to 150°C
MAZ7100
MAZ7091
MAZ7082
MAZ7075
MAZ7062
MAZ7056
MAZ7051
MAZ7047
MAZ7043
MAZ7039
MAZ7036
0
120
100
80
60
40
20
0
1020304050
60
Zener voltage V
Z
(V)
Tj
= 25°C
Static
Characteristics


Similar Part No. - MAZ7270-B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ7270 PANASONIC-MAZ7270 Datasheet
96Kb / 4P
   Zener Diodes Silicon planar type
More results

Similar Description - MAZ7270-B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com