Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSPEMI200A Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CSPEMI200A
Description  4 Channel Headset EMI Filter with ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPEMI200A Datasheet(HTML) 6 Page - California Micro Devices Corp

  CSPEMI200A Datasheet HTML 1Page - California Micro Devices Corp CSPEMI200A Datasheet HTML 2Page - California Micro Devices Corp CSPEMI200A Datasheet HTML 3Page - California Micro Devices Corp CSPEMI200A Datasheet HTML 4Page - California Micro Devices Corp CSPEMI200A Datasheet HTML 5Page - California Micro Devices Corp CSPEMI200A Datasheet HTML 6Page - California Micro Devices Corp CSPEMI200A Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
6
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 09/27/05
CSPEMI200A
Application Information
Refer to Application Note AP-217, "The Chip Scale Package", for a detailed description of Chip Scale Packages
offered by California Micro Devices.
Figure 5. Recommended Non-Solder Mask Defined Pad Illustration
Figure 6. Eutectic (SnPb) Solder
Ball Reflow Profile
Figure 7. Lead-free (SnAgCu) Solder
Ball Reflow Profile
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
VALUE
Pad Size on PCB
0.275mm
Pad Shape
Round
Pad Definition
Non-Solder Mask defined pads
Solder Mask Opening
0.325mm Round
Solder Stencil Thickness
0.125 - 0.150mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.330mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance — Edge To Corner Ball
+50
μm
Solder Ball Side Coplanarity
+20
μm
Maximum Dwell Time Above Liquidous
60 seconds
Maximum Soldering Temperature for Eutectic Devices using a Eutectic Solder Paste
240°C
Maximum Soldering Temperature for Lead-free Devices using a Lead-free Solder Paste
260°C
Solder Mask Opening
0.325mm DIA.
Non-Solder Mask Defined Pad
0.275mm DIA.
Solder Stencil Opening
0.330mm DIA.
200
250
150
100
50
0
1:00.0
2:00.0
3:00.0
4:00.0
Time (minutes)


Similar Part No. - CSPEMI200A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
CSPEMI201AG CALMIRCO-CSPEMI201AG Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
198Kb / 5P
   2 Channel Headset Speaker EMI Filter
May, 2011 ??Rev. 4
CSPEMI201AG+AS ONSEMI-CSPEMI201AG+AS Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
More results

Similar Description - CSPEMI200A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1410 CALMIRCO-CM1410 Datasheet
493Kb / 7P
   4 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CM1410 ONSEMI-CM1410 Datasheet
354Kb / 10P
   4-Channel Headset EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CSPEMI205 CALMIRCO-CSPEMI205 Datasheet
695Kb / 7P
   3 Channel Headset EMI Filter with ESD Protection
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
CM1415 CALMIRCO-CM1415 Datasheet
253Kb / 7P
   3 Channel Headset EMI Filter with ESD Protection
CSPEMI204 CALMIRCO-CSPEMI204 Datasheet
254Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
CSPEMI202AG ONSEMI-CSPEMI202AG Datasheet
230Kb / 9P
   2 Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
CSPEMI205G ONSEMI-CSPEMI205G Datasheet
271Kb / 9P
   3-Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com