Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESI-7SGR0.851M02 Datasheet(PDF) 1 Page - Hitachi Metals, Ltd

Part # ESI-7SGR0.851M02
Description  7mm SQUARE THIN TYPE ISOLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

ESI-7SGR0.851M02 Datasheet(HTML) 1 Page - Hitachi Metals, Ltd

  ESI-7SGR0.851M02 Datasheet HTML 1Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7mm SQUARE THIN TYPE ISOLATOR
MODEL ESI-7SG [ ] 0851 M 02 - T
(1)
(2)
(3)
(4)
(5)
(6)
(1) Series ESI-7SG ; 2.5mm Height
(2) Rotating Direction (R or L)
(3) Center Frequency
(4) M ; MHz
(5) Control No.
(6) T ; Taping
Blank ; Bulk
Specification
Frequency
Ins. Loss
Isolation
V.S.W.R.
Handling
Power
Reflection
Power
Max.
Min.
Max.
Min.
Min.
Max.
Max.
(MHz)
(dB)
(dB)
(dB)
(dB)
(W)
(W)
832-870
0.60
15
1.5
20
20
5.0
1.0
Operating Temperature(deg.C) ; -35 to +85
Impedance ; 50 ohms Typ.
Applicable to Pb free reflow soldering
Shape & Size
TAE986
OUT
I N
L
R r ot at i on
r ot at i on
I N
OUT
Attenuation
at 2f
at 3f
UNLESS OTHERWISE SPECIFIED
ALL DIMENSIONS ARE IN mm
TOLERANCES ARE +/-0.2mm
S ILVER PLAT ING
STR IP L INE
0 . 4
BO X , S T E E L
S I LVER P LAT ING
S ILVER PLAT ING
GROUND
7 .0+ / -0 .3
0 . 7 5
2 . 4
0 .4+ / -0 .15
R
2
.2
C
D
B
A
A
C
B
D
4 .4
A
O U T
o r
I N
B
I N
o r
O U T
C
G R O U N D
D
G R O U N D
Hitachi Metals, Ltd. Tottori Works


Similar Part No. - ESI-7SGR0.851M02

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
ESI-7SGR0.851M04 HITACHI-METALS-ESI-7SGR0.851M04 Datasheet
24Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
ESI-7SGR0.851M04-T HITACHI-METALS-ESI-7SGR0.851M04-T Datasheet
24Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
More results

Similar Description - ESI-7SGR0.851M02

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
ESI-7SGR0.851M04-T HITACHI-METALS-ESI-7SGR0.851M04-T Datasheet
24Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
ESI-7SGR2.140G02-T HITACHI-METALS-ESI-7SGR2.140G02-T Datasheet
24Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
ESI-7SGR0.897M04-T HITACHI-METALS-ESI-7SGR0.897M04-T Datasheet
24Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
ESI-7SGR1.747G04-T HITACHI-METALS-ESI-7SGR1.747G04-T Datasheet
24Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
ESI-7SGR1.900G02-T HITACHI-METALS-ESI-7SGR1.900G02-T Datasheet
24Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
ESI-7SGR1.900G04-T HITACHI-METALS-ESI-7SGR1.900G04-T Datasheet
24Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
ESI-7SGR0.836M02-T HITACHI-METALS-ESI-7SGR0.836M02-T Datasheet
24Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
ESI-7SGR0.897M02-T HITACHI-METALS-ESI-7SGR0.897M02-T Datasheet
24Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
ESI-7SGR1.880G04-T HITACHI-METALS-ESI-7SGR1.880G04-T Datasheet
16Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
ESI-7SGR2.140G04-T HITACHI-METALS-ESI-7SGR2.140G04-T Datasheet
24Kb / 1P
   7mm SQUARE THIN TYPE ISOLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com