Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65854 Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M65854
Description  DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65854 Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M65854 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65854 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65854 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65854 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M65854 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M65854 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M65854 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M65854 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M65854 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ELECTRIC
MITSUBISHI
(
/
1 4 )
M65854FP
MITSUBISHI SOUND PROCESSOR ICs
KARAOKE
50SERIES
S E R I E S
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
1 1
(6) Input and output LPF for the digital echo
The input and output LPF for the digital echo are configured as shown.
figure below.
24k
24k
24k
C2:1000pF
C1:4700pF
Input
Output
13
14
15
The accuracy of the internal resistance of the IC is approximately ±30%
Cut-off frequency(fc) is given as follows.
Quality factor (Q) is given by the following equation for long echo.
fc=
1
C1 X C2
Q=
C1
C2
1
3
=
1
2
π X 24k X 4700pF X 1000pF
3.1KHz
0.72
(Figure of 0.7 is recommended)
(5)ALC level diagram
-30
-20
-10
0
+2
10
-50 -40 -30 -20 -10
MICROPHONE AMPLIFIER GAIN SETTIG=47dB
ALC OPERATING VOLTAGE SETTING RANGE
Vo(dBV)
Vi(dBV)
-60
-70
2
π X 24k X


Similar Part No. - M65854

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65850 MITSUBISHI-M65850 Datasheet
71Kb / 11P
   DIGITAL ECHO(DIGITAL DELAY)
M65850FP MITSUBISHI-M65850FP Datasheet
71Kb / 11P
   DIGITAL ECHO(DIGITAL DELAY)
logo
Renesas Technology Corp
M65850FP RENESAS-M65850FP Datasheet
151Kb / 12P
   Digital Echo (Digital Delay)
logo
Mitsubishi Electric Sem...
M65850P MITSUBISHI-M65850P Datasheet
71Kb / 11P
   DIGITAL ECHO(DIGITAL DELAY)
logo
Renesas Technology Corp
M65850P RENESAS-M65850P Datasheet
151Kb / 12P
   Digital Echo (Digital Delay)
More results

Similar Description - M65854

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65853FP MITSUBISHI-M65853FP Datasheet
113Kb / 17P
   DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65845AFP MITSUBISHI-M65845AFP Datasheet
110Kb / 15P
   DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65856SP MITSUBISHI-M65856SP Datasheet
100Kb / 17P
   DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
logo
Renesas Technology Corp
M65845AFP RENESAS-M65845AFP Datasheet
167Kb / 14P
   Digital Echo with Microphone Mixing Circuit
M65855FP RENESAS-M65855FP Datasheet
3Mb / 11P
   CHIP DIGITAL ECHO WITH MICROPHONE MIXING AMPLIFIER
M65856SP RENESAS-M65856SP Datasheet
295Kb / 19P
   Digital Echo with Mic-mixing Circuit
logo
Mitsubishi Electric Sem...
M65855FP MITSUBISHI-M65855FP Datasheet
58Kb / 10P
   1 Chip Digital Echo with Microphone mixing Amplifier
logo
Princeton Technology Co...
PT2392 PTC-PT2392 Datasheet
268Kb / 5P
   Digital Echo with MIC Mixing Amp
logo
Sanyo Semicon Device
LC75100M SANYO-LC75100M Datasheet
275Kb / 14P
   CMOS IC Digital Echo IC with Microphone Amplifier Circuit
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
   DIGITAL ECHO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com