Electronic Components Datasheet Search |
|
IDT709279L9G Datasheet(PDF) 6 Page - Integrated Device Technology |
|
IDT709279L9G Datasheet(HTML) 6 Page - Integrated Device Technology |
6 / 18 page 6.42 IDT709279/69S/L Preliminary High-Speed 32/16K x 16 Synchronous Dual-Port Static RAM Industrial and Commercial Temperature Ranges 6 NOTES: 1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input levels of GND to 3V. 2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby. 3. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 4. VCC = 5V, TA = 25°C for Typ, and are not production tested. ICC DC(f=0) = 150mA (Typ). 5. CEX = VIL means CE0X = VIL and CE1X = VIH CEX = VIH means CE0X = VIH or CE1X = VIL CEX < 0.2V means CE0X < 0.2V and CE1X > VCC - 0.2V CEX > VCC - 0.2V means CE0X > VCC - 0.2V or CE1X < 0.2V "X" represents "L" for left port or "R" for right port. 6. 'X' in part numbers indicate power rating (S or L). DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(6) (VCC = 5V ± 10%) 709279/69X12 Com'l & Ind 709279/69X15 Com'l Only Symbol Parameter Test Condition Version Typ.(4) Max. Typ.(4) Max. Unit ICC Dynamic Operating Current (Both Ports Active) CEL and CER= VIL Outputs Disabled f = fMAX(1) COM'L S L 200 200 345 305 190 190 325 285 mA IND S L 200 200 380 340 ____ ____ ____ ____ ISB1 Standby Current (Both Ports - TTL Level Inputs) CEL = CER = VIH f = fMAX(1) COM'L S L 50 50 110 90 50 50 110 90 mA IND S L 50 50 125 105 ____ ____ ____ ____ ISB2 Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH(3) Active Port Outputs Disabled, f=fMAX(1) COM'L S L 130 130 230 200 120 120 220 190 mA IND S L 130 130 245 215 ____ ____ ____ ____ ISB3 Full Standby Current (Both Ports - CMOS Level Inputs) Both Ports CER and CEL > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V, f = 0(2) COM'L S L 1.0 0.2 15 5 1.0 0.2 15 5 mA IND S L 1.0 0.2 15 5 ____ ____ ____ ____ ISB4 Full Standby Current (One Port - CMOS Level Inputs) CE"A" < 0.2V and CE"B" > VCC - 0.2V(5) VIN > VCC - 0.2V or VIN < 0.2V, Active Port Outputs Disabled, f = fMAX(1) COM'L S L 120 120 205 185 110 110 195 175 mA IND S L 120 120 220 200 ____ ____ ____ ____ 3243 tbl 09a |
Similar Part No. - IDT709279L9G |
|
Similar Description - IDT709279L9G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |