Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEH30B48 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AEH30B48
Description  350W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEH30B48 Datasheet(HTML) 2 Page - Astec America, Inc

  AEH30B48 Datasheet HTML 1Page - Astec America, Inc AEH30B48 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Efficiency
Model Number
Voltage
Voltage
48V
12V @ 29.17A
92.7%
AEH30B48
48V
12V @ 29.17A
92.7%
AEH30B48N
OPTION:
suffix “N” = Negative Enable
no suffix “N” = Positive Enable (default)
1 +Vin
1.90
[48.3]
1.50
[38.1]
1.20
[30.4]
0.90
[22.8]
1.90
[48.3]
1.50
[38.2]
1.20
[30.5]
0.90
[22.9]
5
4
2 Enable (On/Off)
9 +Output
MECHANICAL TOLERANCE ± .002(0.5)
PIN PLACEMENT TOLERANCE : ± 0.005(0.127)
ALLDIMENSIONSAREININCHES(MILLIMETERS)
PIN SIDE UP
3
2
1
7
6
9
3CASE
7 Trim
8 +Sense
6-Sense
5-Output
NOTES:
4 - Vin
PIN ASSIGNMENT
0.04Ø
[2.0Ø] 2 PLACES
PIN SIDE DOWN
1.90
[48.3]
1.90
[48.3]
2.30
[58.4]
0.50
[12.7]
0.20
[5.1]
0.20
[5.1]
- Vin
+Vin
0.50
[12.7]
M3 X0.5 MOUNTING HOLE
0.50
[12.7]
4 PLACES
2.40
[61.0]
2.00
[50.8]
-Output
+Output
SIDE VIEW
0.46
[11.8]
0.08Ø
0.20
[5.2]
[1.0Ø] 7 PLACES
Pin Assignments
Single Output
1. +Vin
2. Enable (On/Off)
3. Case (AEH)
4. -Vin
5. - Output
6. - Sense
7. Trim
8. + Sense
9. + Output
Notes:
1. Typical efficiency measurement taken at nominal
line, full load, 25°C ambient.
2. 20 MHz BW with external 10uF/25V tantalum in
parallel with 0.1uF/50V X7R ceramic capacitor
placed across the output.
3. Total output power not to exceed 350W.
4. Requires a 2.2 uf, 100V film capacitor connected
between +V in and -V in to meet FCC class A
and ETS300-386-1 requirements for conducted
noise. Consult Factory for filtering information to
meet FCC class B, VDE or EIC specifications.
5. All specifications are typical at nominal line, full
load, and 25°C unless otherwise noted.
6. All specifications subject to change without
notice. Mechanical drawings are for reference
only.
7. Technical Reference Notes should be consulted
for detailed information.
8. Warranty: 1yr.
* Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability as a
result of its use or application. (REV A: AUGUST 25, 2005)
MECHANICAL TOLERANCE ± .002(0.5)
PIN PLACEMENT TOLERANCE : ± 0.005(0.127)
ALLDIMENSIONSAREININCHES(MILLIMETERS)
NOTES:


Similar Part No. - AEH30B48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH30A48 ASTEC-AEH30A48 Datasheet
462Kb / 2P
   50-150 Watts
logo
Emerson Network Power
AEH30A48 EMERSON-NETWORKPOWER-AEH30A48 Datasheet
462Kb / 2P
   Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Astec America, Inc
AEH30A48 ASTEC-AEH30A48 Datasheet
464Kb / 2P
   Remote sense compensation
AEH30F48 ASTEC-AEH30F48 Datasheet
462Kb / 2P
   50-150 Watts
logo
Emerson Network Power
AEH30F48 EMERSON-NETWORKPOWER-AEH30F48 Datasheet
462Kb / 2P
   Industry standard pin-out & performance 100째C baseplate temperature (no derating)
More results

Similar Description - AEH30B48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1J-350I1H2A0 ETC2-R1J-350I1H2A0 Datasheet
734Kb / 12P
   350W350W Redundant Power Supply
logo
Vishay Barry
T50R0-350-2X BARRY-T50R0-350-2X Datasheet
160Kb / 2P
   350W BeO Flanged Termination
REV.OCT 14 2014
logo
Rhombus Industries Inc.
T-1128 RHOMBUS-IND-T-1128 Datasheet
35Kb / 1P
   350W PUSH PULL TRANSFORMER
logo
Vishay Barry
T50R0-350-1E BARRY-T50R0-350-1E Datasheet
154Kb / 2P
   350W BeO Flanged Termination
REV.G FEB 1 2017
logo
AiT Semiconductor Inc.
SD03 AITSEMI-SD03 Datasheet
372Kb / 5P
   350W UNIDIRECTIONAL TVS DIODES
REV1.0
logo
FSP TECHNOLOGY INC.
FSP350-F35-A FSP-FSP350-F35-A Datasheet
1Mb / 3P
   350W ITE POWER SUPPLIES
2022.10
logo
Tumbler Technologies + ...
TIPC350-FX TRUMPOWER-TIPC350-FX Datasheet
138Kb / 1P
   350W FlexATX IPC Power Supply
logo
Weidmuller
2660200295 WEIDMULLER-2660200295 Datasheet
143Kb / 3P
   PRO PM 350W 48V 7.3A
logo
Inventronics Inc.
LNT-350SXXXSTF INVENTRONICS-LNT-350SXXXSTF Datasheet
301Kb / 8P
   350W Non-isolated IP20 Driver
Rev. A
logo
Weidmuller
2660200294 WEIDMULLER-2660200294 Datasheet
143Kb / 3P
   PRO PM 350W 24V 14.6A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com