Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT709269L7PF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT709269L7PF
Description  HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709269L7PF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT709269L7PF Datasheet HTML 5Page - Integrated Device Technology IDT709269L7PF Datasheet HTML 6Page - Integrated Device Technology IDT709269L7PF Datasheet HTML 7Page - Integrated Device Technology IDT709269L7PF Datasheet HTML 8Page - Integrated Device Technology IDT709269L7PF Datasheet HTML 9Page - Integrated Device Technology IDT709269L7PF Datasheet HTML 10Page - Integrated Device Technology IDT709269L7PF Datasheet HTML 11Page - Integrated Device Technology IDT709269L7PF Datasheet HTML 12Page - Integrated Device Technology IDT709269L7PF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
6.42
IDT709279/69S/L
Preliminary
High-Speed 32/16K x 16 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
9
Timing Waveform of Read Cycle for Flow-Through Output
(FT/PIPE"X" = VIL)(3,7)
Timing Waveform of Read Cycle for Pipelined Output (FT/PIPE"X" = VIH)(3,7)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. OE is asynchronously controlled; all other inputs are synchronous to the rising clock edge.
3. ADS = VIL, CNTEN and CNTRST = VIH.
4. The output is disabled (High-Impedance state) by CE0 = VIH, CE1 = VIL, UB = VIH, or LB = VIH following the next rising edge of the clock. Refer to Truth Table 1.
5. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers
are for reference use only.
6. If UB or LB was HIGH, then the Upper Byte and/or Lower Byte of DATAOUT for Qn + 2 would be disabled (High-Impedance state).
7. "x" denotes Left or Right port. The diagram is with respect to that port.
An
An + 1
An + 2
An + 3
tCYC1
tCH1
tCL1
R/
W
ADDRESS
DATAOUT
CE0
CLK
OE
tSC
tHC
tCD1
tCKLZ
Qn
Qn + 1
Qn + 2
tOHZ
tOLZ
tOE
tCKHZ
3243 drw 07
(1)
(1)
(1)
(1)
(2)
CE1
UB, LB
(4)
tSB
tHB
tSW
tHW
tSA
tHA
tDC
tDC
(5)
tSC
tHC
tSB
tHB
An
An + 1
An + 2
An + 3
tCYC2
tCH2
tCL2
R/
W
ADDRESS
CE0
CLK
CE1
UB, LB
(4)
DATAOUT
OE
tCD2
tCKLZ
Qn
Qn + 1
Qn + 2
tOHZ
tOLZ
tOE
3243 drw 08
(1)
(1)
(1)
(2)
tSC
tHC
tSB
tHB
tSW
tHW
tSA
tHA
tDC
tSC
tHC
tSB
tHB
(5)
(1 Latency)
(6)
(6)


Similar Part No. - IDT709269L7PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709269L IDT-IDT709269L Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709269L12PF IDT-IDT709269L12PF Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709269L12PFI IDT-IDT709269L12PFI Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709269L15PF IDT-IDT709269L15PF Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709269L15PFI IDT-IDT709269L15PFI Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT709269L7PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_15 Datasheet
698Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709279 RENESAS-709279 Datasheet
339Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
FEBRUARY 2018
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
logo
Integrated Device Techn...
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com