Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTCX1343XA3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # DTCX1343XA3
Description  NPN Digital Transistors (Built-in Resistors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTCX1343XA3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  DTCX1343XA3 Datasheet HTML 1Page - Cystech Electonics Corp. DTCX1343XA3 Datasheet HTML 2Page - Cystech Electonics Corp. DTCX1343XA3 Datasheet HTML 3Page - Cystech Electonics Corp. DTCX1343XA3 Datasheet HTML 4Page - Cystech Electonics Corp. DTCX1343XA3 Datasheet HTML 5Page - Cystech Electonics Corp. DTCX1343XA3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C380N3
Issued Date : 2005.04.15
Revised Date :2005.06.24
Page No. : 4/6
DTD143TN3
CYStek Product Specification
Product Designation
DT X X X X X XX
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) Indicates that transistor is digital
(6) Indicates resistance ratio R1/R2
E ‧‧‧R1/R2=1/1
(2) Indicates polarity
X ‧‧‧R1/R2=2/1
A, B ‧‧‧‧ PNP
Y ‧‧‧R1/R2=5/1
C, D ‧‧‧‧ NPN
Z ‧‧‧R1/R2=10/1
J ‧‧‧R1/R2=20/1
(3) Indicates device specification
W‧‧‧R1/R2=1/2
U ‧‧‧R1/R2=1/5
(4) Indicates the basis of the R1 resistance value
V ‧‧‧R1/R2=1/10
1‧‧‧1.0
T ‧‧‧R1 only
2‧‧‧2.2
G ‧‧‧T2 only
3‧‧‧3.3
4‧‧‧4.7
6‧‧‧6.8
(7) Indicates package shape
N3‧‧‧SOT-23
(5) Indicates power-of-ten of R1 value
A3‧‧‧TO-92
3‧‧‧10
3
4‧‧‧10
4
The value of R1 is indicates by combining (4) and (5)
24‧‧‧2.2×10
4 =22kΩ
43‧‧‧4.7×10
3 =22kΩ


Similar Part No. - DTCX1343XA3

ManufacturerPart #DatasheetDescription
logo
TEMEX
DTCXO TEMEX-DTCXO Datasheet
160Kb / 5P
   Digitally Thermal Compensated Crystal Oscillator General Specification (rev1)
logo
Kyocera Kinseki Corpota...
DTCXO-12A KSS-DTCXO-12A Datasheet
63Kb / 1P
   Digital TCXO
DTCXO-13A KSS-DTCXO-13A Datasheet
160Kb / 1P
   Digital TCXO
DTCXO-15A KSS-DTCXO-15A Datasheet
52Kb / 1P
   SMD-Digital TCXO
logo
Rohm
DTCXXXXX ROHM-DTCXXXXX Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
More results

Similar Description - DTCX1343XA3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTC143ZN3 CYSTEKEC-DTC143ZN3_10 Datasheet
256Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
   NPN Digital Transistors(Built-in Resistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com