Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA05E-012L-150D Datasheet(PDF) 1 Page - Astec America, Inc

Part # AA05E-012L-150D
Description  5 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA05E-012L-150D Datasheet(HTML) 1 Page - Astec America, Inc

  AA05E-012L-150D Datasheet HTML 1Page - Astec America, Inc AA05E-012L-150D Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
62
Special Features
Electrical Specs
5 Watts
AA05E
• 2:1 Input range
• 1.25 x 0.80 x 0.40 Case size
• 1500Vdc Isolation
Operating ambient temperature
-40°C to +85°C (full load, no derating)
Baseplate: 100°C max
Storage temperature: -40°C to +125°C
Humidity: 5% to 95%(non-condensing)
Cooling method: Convection
MTBF: >1,000,000 hours (MIL-HDBK-217F)
Conducted EMI: EN55022, Class B
UL, CSA, EN60950 Certified
Input
Input Range
9-18 Vdc; 18-36 Vdc; 36-72 Vdc
Input Capacitance
2.5 µF (typ)
Input reverse voltage
protection
Fuse recommended
Input Filter
Pi
Efficiency
85% typ
Output
Voltage Tolerance
Output 1 and 2
- ±1%
Line Regulation
Output 1 and 2 - ± 0.5%
Load Regulation
±1%
Noise/Ripple
1 % mV P-P (see note 1)
Short Circuit Protection
Continuous Current Limit
Overvoltage Protection
Zener Clamp
Transient Response
500 µsec max (50% step load change
to within 1%Vo)
Switching Frequency
200kHz
Temperature Coefficient
± 0.02%/° C
Isolation
I/O isolation
1500Vdc
Isolation resistance
1 x 109 ohms
Environmental
Total Power:
5 Watts
Input Voltages:
12V, 24V or 48V
No. of Outputs:
Single, Dual


Similar Part No. - AA05E-012L-150D

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA05E-048L-033S ASTEC-AA05E-048L-033S Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
AA05E-048L-050S ASTEC-AA05E-048L-050S Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
AA05E-048L-120D ASTEC-AA05E-048L-120D Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
AA05E-048L-120S ASTEC-AA05E-048L-120S Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
AA05E-048L-150D ASTEC-AA05E-048L-150D Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
More results

Similar Description - AA05E-012L-150D

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
100200-4Y100-2 ANAREN-100200-4Y100-2 Datasheet
163Kb / 2P
   5 Watts
logo
XP Power Limited
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
   5/10 Watts
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
logo
List of Unclassifed Man...
FDC05 ETC1-FDC05 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
logo
Artesyn Technologies
DCH5-050EU ARTESYN-DCH5-050EU Datasheet
1Mb / 4P
   DCH5 Series 5 Watts
logo
Power Mate Technology C...
FDC05-12S33 P-DUKE-FDC05-12S33 Datasheet
210Kb / 2P
   5 WATTS OUTPUT POWER
logo
Anaren Microwave
A5BXXXX1A ANAREN-A5BXXXX1A Datasheet
251Kb / 2P
   Chip Terminations 5 Watts
A5B50X1A ANAREN-A5B50X1A Datasheet
253Kb / 2P
   Chip Terminations 5 Watts
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Anaren Microwave
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2_1 Datasheet
232Kb / 2P
   Chip Termination 5 Watts, 50ohm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com