Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9330-01QE Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM9330-01QE
Description  Asymmetrical High Efficiency Three Channel Boost LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9330-01QE Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM9330-01QE Datasheet HTML 1Page - California Micro Devices Corp CM9330-01QE Datasheet HTML 2Page - California Micro Devices Corp CM9330-01QE Datasheet HTML 3Page - California Micro Devices Corp CM9330-01QE Datasheet HTML 4Page - California Micro Devices Corp CM9330-01QE Datasheet HTML 5Page - California Micro Devices Corp CM9330-01QE Datasheet HTML 6Page - California Micro Devices Corp CM9330-01QE Datasheet HTML 7Page - California Micro Devices Corp CM9330-01QE Datasheet HTML 8Page - California Micro Devices Corp CM9330-01QE Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
4
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
04/26/06
CM9330
PRELIMINARY
Note 1: ILED is the average PWM current through the LED string with internal 2/3 duty cycle and a 6 ms period. The following for-
mula must be used to calculate the LED current:
Note 2: For lower LED forward voltage the number of LEDs can be increased up to the maximum output voltage limit.
Note 3: Standard Load is a 4 series x 3 parallel configuration set for IsetLED = 20 mA each channel (RSET1,2,3 = 22 kΩ).
Generally, a "4W+1W+1W" like formula denotes the WLED number of each channel, i.e. CH1+CH2+CH3 configurations.
Note 4: [ILED(set) - ILED(effective)] / ILED(set) for each channel.
Note 5: A LED current value below 0.6 mA for each channel set the circuit in No-load mode; all channels and MOSFET switch are in
shutdown and DC circuit current consumption is limited to 1 mA (see quiescent current).
Note 6: For non-interleave mode, all parameters have the same min/typ/max interleave mode values, unless otherwise specified.
ILEDR
LED Current Ripple
Standard Load (Note 3)
0.2
mApp
ILEDNL
No-Load Mode (Note 5)
All Channels
0
0.6
mA
fs
Switching Frequency
VIN = 2.7V to 6.0V
0.8
1.0
1.2
MHz
VIN = 3.6V; CIN = 10μF, COUT = 1μF, L1 = 4.7μH, non-interleave mode (Note 6), TA = 25°C (unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
S
ILED
LED Current
VIN = 3.0V to 6.0V, RSET(kΩ)2
IMAX
mA
ΔI
LED /
ΔV
IN
Line Regulation @ High Load
L = 4.7
μH, VIN = 3.0V to 5.5V
4W+4W+4W, 40mA+40mA+40mA
1%/V
L = 10
μH, VIN = 3.0V to 5.5V
4W+4W+4W, 60mA+40mA+40mA\
3%/V
PIN
Input Power
ILED 1,2,3 = 20mA, 4WLED+1W+1W
975
mW
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
VIN = 3.6V; CIN = 10μF, COUT = 1μF, L1 = 4.7μH, interleave mode, TA = 25°C (unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
S
730
R
SET
-------------
I
LED
mA
()
450
R
SET k
Ω
()
----------------------
=
Specifications (cont’d)


Similar Part No. - CM9330-01QE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM93 CML-CM93 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM93 VCC-CM93 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
logo
California Micro Device...
CM9311 CALMIRCO-CM9311 Datasheet
294Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED/OLED Driver
CM9311-01DE CALMIRCO-CM9311-01DE Datasheet
294Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED/OLED Driver
CM9320 CALMIRCO-CM9320 Datasheet
231Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED Driver
More results

Similar Description - CM9330-01QE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
CM9320 CALMIRCO-CM9320 Datasheet
231Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED Driver
CM9311 CALMIRCO-CM9311 Datasheet
294Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED/OLED Driver
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
   Three-Channel-Two-Channel Boost LED Driver
logo
Alpha & Omega Semicondu...
AOZ1934 AOSMD-AOZ1934 Datasheet
776Kb / 14P
   High Efficiency Boost 20-, 30- LED Driver
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
   High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
logo
Kinetic Technologies.
KTD3112 KINETIC-KTD3112 Datasheet
656Kb / 13P
   High Efficiency Boost 2P6S/3P6S LED Driver
October 2015 - Revision 04a
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
logo
Kinetic Technologies.
KTD3116-1 KINETIC-KTD3116-1 Datasheet
1,007Kb / 11P
   High Efficiency Boost 2P8S/3P8S LED Driver
November 2016 - Revision 04a
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com