Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9320-01DE Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM9320-01DE
Description  Asymmetrical High Efficiency Two Channel Boost LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9320-01DE Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM9320-01DE Datasheet HTML 1Page - California Micro Devices Corp CM9320-01DE Datasheet HTML 2Page - California Micro Devices Corp CM9320-01DE Datasheet HTML 3Page - California Micro Devices Corp CM9320-01DE Datasheet HTML 4Page - California Micro Devices Corp CM9320-01DE Datasheet HTML 5Page - California Micro Devices Corp CM9320-01DE Datasheet HTML 6Page - California Micro Devices Corp CM9320-01DE Datasheet HTML 7Page - California Micro Devices Corp CM9320-01DE Datasheet HTML 8Page - California Micro Devices Corp CM9320-01DE Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
05/08/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
3
CM9320
PRELIMINARY
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN = 3.6V; CIN = 10μF, COUT = 1μF, L1 = 4.7μH, interleave mode, TA = 25°C (unless otherwise specified)
VIN
Input Voltage Range
2.7
6.0
V
IQ
Quiescent Current
ILED < 0.6mA (each channel), non-
switching
1.2
2.0
mA
VUVLO
Undervoltage Lockout
VIN Rising
2.0
2.2
2.4
V
VOVP
Output Overvoltage Protection
VOUT Rising
19.0
19.5
20.0
V
ISD
Shutdown Current
VEN = 0V
10
15
μA
VEN
Device Enable Threshold
Device ON (by default)
Device OFF
1.0
0.2
V
V
Channel 1
ILED1
LED Current (Note 1)
VIN = 3.0V to 6.0V, RSET1(kΩ)
4 WLED
235
mA
Number of LEDs (Note 2)
VIN = 2.7V to 6.0V
1
5
VLED1
Voltage on LED1 Pin
Standard load (Note 3)
0.80
V
Channel 2
ILED2
LED Current (Note 1)
VIN = 3.0V to 6.0V, RSET2(kΩ)
4 WLED
230
mA
Number of LEDs (Note 2)
VIN = 2.7V to 6.0V
1
5
VLED2
Voltage on LED2 Pin
Standard load (Note 3)
0.80
V
Boost Circuit (Note 3)
ΔILED / ILED ⋅ ΔVIN Line Regulation
VIN = 3.0V to 6.0V Each Channel
1
%/V
IOUT
Boost Output Current
VIN = 3.0V to 6.0V
80
mA
VOUT
Boost Output Voltage
ILED 1,2 = 2mA to ILED MAX
VIN
20
V
D
Duty Cycle Range
VIN = 2.7V to 6.0V,
ILED 1,2 = 2mA to ILED MAX
595
%
VOUTR
Output Voltage Ripple
Standard Load (Note 3)
50
mVpp
RDSON
MOSFET ON Resistance
ISW = 0.8A, VGS = 15V
300
500
m
Ω
Eff
Efficiency
Standard Load (Note 3)
85
%
ISW
Switch Peak Current
Standard Load (Note 3)
0.5
A
PIN
Input Power
ILED 1,2 = 20mA, 4WLED+1W
835
mW
Control
ILED acc
Channel Current Matching
(Note 4)
1% RSET Accuracy, Each Channel
3
%
ILEDR
LED Current Ripple
Standard Load (Note 3)
0.2
mApp
ILEDNL
No-Load Mode (Note 5)
All Channels
0
0.6
mA
fs
Switching Frequency
VIN = 2.7V to 6.0V
0.8
1.0
1.2
MHz
450
R
SET1
---------------
450
R
SET2
---------------
Specifications (cont’d)


Similar Part No. - CM9320-01DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
CM9321-01DE CALMIRCO-CM9321-01DE Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
More results

Similar Description - CM9320-01DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9311 CALMIRCO-CM9311 Datasheet
294Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED/OLED Driver
CM9330 CALMIRCO-CM9330 Datasheet
263Kb / 10P
   Asymmetrical High Efficiency Three Channel Boost LED Driver
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
   Three-Channel-Two-Channel Boost LED Driver
logo
Alpha & Omega Semicondu...
AOZ1934 AOSMD-AOZ1934 Datasheet
776Kb / 14P
   High Efficiency Boost 20-, 30- LED Driver
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
   High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
logo
Kinetic Technologies.
KTD3112 KINETIC-KTD3112 Datasheet
656Kb / 13P
   High Efficiency Boost 2P6S/3P6S LED Driver
October 2015 - Revision 04a
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
logo
Kinetic Technologies.
KTD3116-1 KINETIC-KTD3116-1 Datasheet
1,007Kb / 11P
   High Efficiency Boost 2P8S/3P8S LED Driver
November 2016 - Revision 04a
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com