Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7705-EP Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC7705-EP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7705-EP Datasheet(HTML) 4 Page - Texas Instruments

  TLC7705-EP Datasheet HTML 1Page - Texas Instruments TLC7705-EP Datasheet HTML 2Page - Texas Instruments TLC7705-EP Datasheet HTML 3Page - Texas Instruments TLC7705-EP Datasheet HTML 4Page - Texas Instruments TLC7705-EP Datasheet HTML 5Page - Texas Instruments TLC7705-EP Datasheet HTML 6Page - Texas Instruments TLC7705-EP Datasheet HTML 7Page - Texas Instruments TLC7705-EP Datasheet HTML 8Page - Texas Instruments TLC7705-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TLC7701EP, TLC7705EP, TLC7733EP
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SGLS013A − MARCH 2003 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (see Note 2) (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TLC77xx
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VDD = 2 V
1.8
VOH
High-level output voltage
IOH = − 20 µA
VDD = 2.7 V
2.5
V
VOH
High-level output voltage
IOH = − 20 µA
VDD = 4.5 V
4.3
V
IOH = − 2 mA
VDD = 4.5 V
3.7
VDD = 2 V
0.2
VOL
Low-level output voltage
IOL = 20 µA
VDD = 2.7 V
0.2
V
VOL
Low-level output voltage
IOL = 20 µA
VDD = 4.5 V
0.2
V
IOL = 2 mA
VDD = 4.5 V
0.5
Negative-going input threshold voltage,
TLC7701
1.04
1.1
1.16
VIT −
Negative-going input threshold voltage,
SENSE (see Note 3)
TLC7705
VDD = 2 V to 6 V
4.43
4.5
4.63
V
VIT −
SENSE (see Note 3)
TLC7733
VDD = 2 V to 6 V
2.855
2.93
3.03
V
TLC7701
30
Vhys
Hysteresis voltage, SENSE
TLC7705
VDD = 2 V to 6 V
70
mV
Vhys
Hysteresis voltage, SENSE
TLC7733
VDD = 2 V to 6 V
70
mV
Vres
Power-up reset voltage‡
IOL = 20 µA
1
V
RESIN
VI = 0 V to VDD
2
II
Input current
CONTROL
VI = VDD
7
15
µA
II
Input current
SENSE
VI = 5 V
5
10
µA
SENSE, TLC7701 only
VI = 5 V
2
RESIN = VDD,
IDD
Supply current
RESIN = VDD,
SENSE = VDD ≥ VITmax + 0.2 V
916
µA
IDD
Supply current
CONTROL = 0 V,
Outputs open
9
16
µA
IDD(d) Supply current during td
VDD = 5 V,
RESIN = VDD,
CONTROL = 0 V,
VCT = 0 ,
SENSE = VDD,
Outputs open
120
150
µA
CI
Input capacitance, SENSE
VI = 0 V to VDD
50
pF
† Typical values apply at TA = 25°C.
‡ The lowest supply voltage at which RESET becomes active. The symbol Vres is not currently listed within EIA or JEDEC standards for
semiconductor symbology. Rise time of VDD ≥ 15 µs/V.
NOTES:
2. All characteristics are measured with CT = 0.1 µF.
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be connected near the supply terminals.


Similar Part No. - TLC7705-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7705-EP TI1-TLC7705-EP Datasheet
1Mb / 21P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TLC7705-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
304Kb / 19P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com