Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK1R-4.5V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # RK1R-4.5V
Description  1.5 GHz MICROWAVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

RK1R-4.5V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  RK1R-4.5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) RK1R-4.5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) RK1R-4.5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) RK1R-4.5V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RK
103
REFERENCE DATA
1.-(1) High frequency characteristics (Impedance 75
Ω)
Sample: RK1-12V
Measuring method: Measured with HP network analyzer (HP8753C)
• Insertion loss characteristics
• Isolation characteristics
• V.S.W.R. characteristics
0.8
1.0
0
0.2
0.6
0.4
300kHz
1.5GHz
3GHz
COM-NC
COM-NO
Frequency
80
100
0
20
60
40
300kHz
1.5GHz
3GHz
COM-NC
COM-NO
Frequency
1.2
1.0
2.0
1.8
1.4
1.6
300kHz
1.5GHz
3GHz
COM-NO
COM-NC
Frequency
1.-(2) High frequency characteristics (Impedance 50
Ω)
Sample: RK1-5V
Measuring method: Measured with HP network analyzer (HP8753C)
• Insertion loss characteristics
• Isolation characteristics
• V.S.W.R. characteristics
0.8
1.0
0
0.2
0.6
0.4
300kHz
1.5GHz
3GHz
COM-NC
COM-NO
Frequency
80
100
0
20
60
40
300kHz
1.5GHz
3GHz
COM-NC
COM-NO
Frequency
1.2
1.0
2.0
1.8
1.4
1.6
300kHz
1.5GHz
3GHz
COM-NO
COM-NC
Frequency
2. Coil temperature rise
Sample: RK1-12V, RK1-L-12V, RK1-L2-12V
No. of samples: n = 6
Carrying current: 10 mA
Ambient temperature: 25°C 77°F
3.-(1) Operate/Release time
(Single side stable)
Sample: RK1-12V; No. of samples: n = 6
3.-(2) Set/Reset time (Latching)
Sample: RK1-L-12V, RK1-L2-12V
No. of samples: n = 12
0
20
40
60
80
100
80
100
130
150
RK1-L2-12V
RK1-12V,
RK1-L-12V
Voltage applied to coil, %V
0
2
4
6
8
10
80
100
120
150
Max.
Min.
Max.
Min.
Voltage applied to coil, %V
Operate time
Release time
0
2
4
6
8
10
80
100
130
Max.
Min.
Max.
Min.
Set time
Reset time
Voltage applied to the coil (%V)


Similar Part No. - RK1R-4.5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
RK1R-L12V NAIS-RK1R-L12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1R-L212V NAIS-RK1R-L212V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1R-L224V NAIS-RK1R-L224V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1R-L23V NAIS-RK1R-L23V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1R-L24.5V NAIS-RK1R-L24.5V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
More results

Similar Description - RK1R-4.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARXP1003 PANASONIC-ARXP1003 Datasheet
156Kb / 5P
   3 GHz MICROWAVE RELAY WITH 60 W CARRYING POWER
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
logo
Analog Devices
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
   42 GHz Microwave Radio
logo
List of Unclassifed Man...
TAP1500 ETC2-TAP1500 Datasheet
226Kb / 6P
   1.5 GHz Active Probe
logo
Nais(Matsushita Electri...
RA-RELAYS NAIS-RA-RELAYS Datasheet
208Kb / 3P
   MICROWAVE RELAY FOR ATTENUATOR CIRCUIT
logo
API Technologies Corp
BXHF1075 APITECH-BXHF1075 Datasheet
597Kb / 1P
   43 GHz to 44 GHz Microwave Amplifier
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com