Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT709269S12PFI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT709269S12PFI
Description  HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709269S12PFI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT709269S12PFI Datasheet HTML 1Page - Integrated Device Technology IDT709269S12PFI Datasheet HTML 2Page - Integrated Device Technology IDT709269S12PFI Datasheet HTML 3Page - Integrated Device Technology IDT709269S12PFI Datasheet HTML 4Page - Integrated Device Technology IDT709269S12PFI Datasheet HTML 5Page - Integrated Device Technology IDT709269S12PFI Datasheet HTML 6Page - Integrated Device Technology IDT709269S12PFI Datasheet HTML 7Page - Integrated Device Technology IDT709269S12PFI Datasheet HTML 8Page - Integrated Device Technology IDT709269S12PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©2004 Integrated Device Technology, Inc.
JUNE 2004
DSC-3243/13
1
Functional Block Diagram
Features
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
High-speed clock to data access
– Commercial:6.5/7.5/9/12/15ns(max.)
– Industrial: 12ns (max.)
Low-power operation
– IDT709279/69S
Active: 950mW (typ.)
Standby: 5mW (typ.)
– IDT709279/69L
Active: 950mW (typ.)
Standby: 1mW (typ.)
Flow-Through or Pipelined output mode on either port via
the FT/PIPE pin
Counter enable and reset features
Dual chip enables allow for depth expansion without
additional logic
Full synchronous operation on both ports
– 4ns setup to clock and 1ns hold on all control, data, and
addressinputs
– Data input, address, and control registers
– Fast 6.5ns clock to data out in the Pipelined output mode
– Self-timedwriteallowsfastcycletime
– 10ns cycle time, 100MHz operation in Pipelined output mode
Separate upper-byte and lower-byte controls for
multiplexed bus and bus matching compatibility
TTL- compatible, single 5V (±10%) power supply
Industrial temperature range (–40°C to +85°C) is
available for selected speeds
Available in a 100-pin Thin Quad Flatpack (TQFP) package
HIGH-SPEED 32/16K x 16
SYNCHRONOUS
DUAL-PORT STATIC RAM
IDT709279/69S/L
FT/PIPER
R/
WR
UBR
LBR
CE0R
OER
CE1R
I/O
Control
MEMORY
ARRAY
Counter/
Address
Reg.
I/O
Control
3243 drw 01
A14R(1)
A0R
CLKR
ADSR
CNTENR
CNTRSTR
I/O8L-
I/O15L
I/O0L-I/O7L
I/O8R-I/O15R
I/O0R-I/O7R
A0L
CLKL
ADSL
A14L(1)
CNTENL
CNTRSTL
Counter/
Address
Reg.
R/
WL
UBL
LBL
CE0L
OEL
CE1L
,
0a 1a
0b 1b
0/1
ab
1
0/1
0
FT/PIPEL
,
1
0/1
0
1a 0a
1b 0b
0/1
ba
NOTE:
1. A14X is a NC for IDT709269.


Similar Part No. - IDT709269S12PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709269S12PFI IDT-IDT709269S12PFI Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT709269S12PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_15 Datasheet
698Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709279 RENESAS-709279 Datasheet
339Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
FEBRUARY 2018
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
logo
Integrated Device Techn...
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com