Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9311-01DE Datasheet(PDF) 10 Page - California Micro Devices Corp

Part # CM9311-01DE
Description  Asymmetrical High Efficiency Two Channel Boost LED/OLED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9311-01DE Datasheet(HTML) 10 Page - California Micro Devices Corp

Back Button CM9311-01DE Datasheet HTML 2Page - California Micro Devices Corp CM9311-01DE Datasheet HTML 3Page - California Micro Devices Corp CM9311-01DE Datasheet HTML 4Page - California Micro Devices Corp CM9311-01DE Datasheet HTML 5Page - California Micro Devices Corp CM9311-01DE Datasheet HTML 6Page - California Micro Devices Corp CM9311-01DE Datasheet HTML 7Page - California Micro Devices Corp CM9311-01DE Datasheet HTML 8Page - California Micro Devices Corp CM9311-01DE Datasheet HTML 9Page - California Micro Devices Corp CM9311-01DE Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
10 490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
04/26/06
CM9311
PRELIMINARY
TDFN-10 Mechanical Specifications
Dimensions for the CM9311 packaged in a 10-lead
TDFN package are presented below.
For complete information on the TDFN-10, see the Cal-
ifornia Micro Devices TDFN Package Information docu-
ment.
=
This package is compliant with JEDEC standard MO-229, variation
WEED-3 with exception of the "D2" and "E2" dimensions as called
out in the table above.
Package Dimensions for 10-Lead TDFN
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229 (Var. WEED-3)=
Leads
10
Dim.
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
A2
0.45
0.55
0.65
0.018
0.022
0.026
A3
0.20
0.008
b
0.18
0.25
0.30
0.007
0.010
0.012
D
3.00
0.118
D2
2.20
2.30
2.40
0.087
0.091
0.094
E
3.00
0.118
E2
1.40
1.50
1.60
0.055
0.060
0.063
e
0.50
0.020
K
1.30
1.50
1.70
0.051
0.060
0.067
L
0.20
0.30
0.40
0.008
0.012
0.016
# per
tube
NA
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
BOTTOM VIEW
A
A3
A1
0.10 C
0.08 C
SIDE VIEW
TOP VIEW
b
L
0.10
C A B
M
8X
D2
e
GND PAD
D
Pin 1
Marking
4
3
2
1
7
8
9
10
A2
K
7
8
9
10
3
2
14
5
6
5
6
Pin 1 ID
C0.35
Mechanical Details


Similar Part No. - CM9311-01DE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM93 CML-CM93 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM93 VCC-CM93 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
logo
California Micro Device...
CM9320 CALMIRCO-CM9320 Datasheet
231Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED Driver
CM9320-01DE CALMIRCO-CM9320-01DE Datasheet
231Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED Driver
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
More results

Similar Description - CM9311-01DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
CM9320 CALMIRCO-CM9320 Datasheet
231Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED Driver
CM9330 CALMIRCO-CM9330 Datasheet
263Kb / 10P
   Asymmetrical High Efficiency Three Channel Boost LED Driver
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
   Three-Channel-Two-Channel Boost LED Driver
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Alpha & Omega Semicondu...
AOZ1934 AOSMD-AOZ1934 Datasheet
776Kb / 14P
   High Efficiency Boost 20-, 30- LED Driver
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
   High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
logo
Kinetic Technologies.
KTD3112 KINETIC-KTD3112 Datasheet
656Kb / 13P
   High Efficiency Boost 2P6S/3P6S LED Driver
October 2015 - Revision 04a
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
logo
Kinetic Technologies.
KTD3116-1 KINETIC-KTD3116-1 Datasheet
1,007Kb / 11P
   High Efficiency Boost 2P8S/3P8S LED Driver
November 2016 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com