Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT709269S7PFI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT709269S7PFI
Description  HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709269S7PFI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT709269S7PFI Datasheet HTML 6Page - Integrated Device Technology IDT709269S7PFI Datasheet HTML 7Page - Integrated Device Technology IDT709269S7PFI Datasheet HTML 8Page - Integrated Device Technology IDT709269S7PFI Datasheet HTML 9Page - Integrated Device Technology IDT709269S7PFI Datasheet HTML 10Page - Integrated Device Technology IDT709269S7PFI Datasheet HTML 11Page - Integrated Device Technology IDT709269S7PFI Datasheet HTML 12Page - Integrated Device Technology IDT709269S7PFI Datasheet HTML 13Page - Integrated Device Technology IDT709269S7PFI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
6.42
IDT709279/69S/L
Preliminary
High-Speed 32/16K x 16 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
NOTES:
1. B1 Represents Bank #1; B2 Represents Bank #2. Each Bank consists of one IDT709279/69 for this waveform, and are setup for depth expansion in this
example. ADDRESS(B1) = ADDRESS(B2) in this situation.
2. UB, LB, OE, and ADS = VIL; CE1(B1), CE1(B2), R/W, CNTEN, and CNTRST = VIH.
3. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
4. CE0, UB, LB, and ADS = VIL; CE1, CNTEN, and CNTRST = VIH.
5. OE = VIL for the Right Port, which is being read from. OE = VIH for the Left Port, which is being written to.
6. If tCCS < maximum specified, then data from right port READ is not valid until the maximum specified for tCWDD.
If tCCS > maximum specified, then data from right port READ is not valid until tCCS + tCD1. tCWDD does not apply in this case.
Timing Waveform of a Bank Select Pipelined Read(1,2)
tSC
tHC
CE0(B1)
ADDRESS(B1)
A0
A1
A2
A3
A4
A5
tSA
tHA
CLK
3243 drw 09
Q0
Q1
Q3
DATAOUT(B1)
tCH2
tCL2
tCYC2
(3)
ADDRESS(B2)
A0
A1
A2
A3
A4
A5
tSA
tHA
CE0(B2)
DATAOUT(B2)
Q2
Q4
tCD2
tCD2
tCKHZ
tCD2
tCKLZ
tDC
tCKHZ
tCD2
tCKLZ
(3)
(3)
tSC
tHC
(3)
tCKHZ
(3)
tCKLZ
(3)
tCD2
A6
A6
tDC
tSC
tHC
tSC
tHC
Timing Waveform of a Bank Select Flow-Through Read(6)
tSC
tHC
CE0(B1)
ADDRESS(B1)
A0
A1
A2
A3
A4
A5
tSA
tHA
CLK
3243 drw 09a
D0
D3
tCD1
tCKLZ
tCKHZ
(1)
(1)
D1
DATAOUT(B1)
tCH1
tCL1
tCYC1
(1)
ADDRESS(B2)
A0
A1
A2
A3
A4
A5
tSA
tHA
CE0(B2)
DATAOUT(B2)
D2
D4
tCD1
tCD1
tCKHZ
tDC
tCD1
tCKLZ
tSC
tHC
(1)
tCKHZ
(1)
tCKLZ
(1)
tCD1
A6
A6
tDC
tSC
tHC
tSC
tHC
D5
tCD1
tCKLZ
(1)
tCKHZ
(1)


Similar Part No. - IDT709269S7PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709269S IDT-IDT709269S Datasheet
698Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709269S IDT-IDT709269S Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709269S12PF IDT-IDT709269S12PF Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709269S12PFI IDT-IDT709269S12PFI Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT709269S7PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_15 Datasheet
698Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709279 RENESAS-709279 Datasheet
339Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
FEBRUARY 2018
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
logo
Integrated Device Techn...
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com