Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESI-4AGR1.441G01-T Datasheet(PDF) 1 Page - Hitachi Metals, Ltd

Part # ESI-4AGR1.441G01-T
Description  4mm SQUARE THIN TYPE ISOLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

ESI-4AGR1.441G01-T Datasheet(HTML) 1 Page - Hitachi Metals, Ltd

  ESI-4AGR1.441G01-T Datasheet HTML 1Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
<TENTATIVE>
4mm SQUARE THIN TYPE ISOLATOR
MODEL
ESI-4AG [ ] 1.441 G 01 - T
(1)
(2)
(3)
(4)
(5)
(6)
(1) Series ESI-4AG ; 1.6 +/-0.1mm Height
(2) Rotating Direction (R or L)
(3) Center Frequency
(4) G ; GHz
(5) Control No.
(6) T ; Taping
Blank ; Bulk
Specification
Frequency
Ins. Loss
Isolation
V.S.W.R.
Handling
Power
Reflection
Power
Max.
Min.
Max.
Min.
Min.
Max.
Max.
(GHz)
(dB)
(dB)
(dB)
(dB)
(W)
(W)
1.429-1.453
0.50
15
1.5
17
20
5.0
1.0
Operating Temperature(deg.C) ; -35 to +85
Impedance ; 50 ohms Typ.
Shape & Size
TAE815
Note) This is tentative specifications under development.
There is some possibility which the specifications might be modified including mechanical dimensions.
Attenuation
at 2f
at 3f
Hitachi Metals, Ltd. Tottori Works
OUT
IN
IN
OUT
ro ta t ion
ro ta t ion
R
L
UNLESS OTHERWISE SPECIFIED
ALL DIMENSIONS ARE IN mm
TOLERANCES ARE +/-0.2mm
5
4
6
2
3
1
5
6
4
2
1
3
0. 4
STEEL CASE
SI LVER PLATI NG
GROUND
SI L VER PL ATI NG
STRI PL I NE
SI L VER PL ATI NG
0. 15+/ - 0. 01
3
G R O U N D
4
G R O U N D
5
G R O U N D
6
O U T
or
I N
1
IN
o r
O U T
2
G R O U N D
4. 0
4. 4


Similar Part No. - ESI-4AGR1.441G01-T

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
ESI-4AGR1.489G01 HITACHI-METALS-ESI-4AGR1.489G01 Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.489G01-T HITACHI-METALS-ESI-4AGR1.489G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
More results

Similar Description - ESI-4AGR1.441G01-T

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
ESI-4AFR2.017G01-T HITACHI-METALS-ESI-4AFR2.017G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4DCR0.836M01-T HITACHI-METALS-ESI-4DCR0.836M01-T Datasheet
22Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AFR1.444G01-T HITACHI-METALS-ESI-4AFR1.444G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.855G01-T HITACHI-METALS-ESI-4AGR1.855G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.842G01-T HITACHI-METALS-ESI-4AGR1.842G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.489G01-T HITACHI-METALS-ESI-4AGR1.489G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4DCR0.911M01-T HITACHI-METALS-ESI-4DCR0.911M01-T Datasheet
23Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AFR1.880G01-T HITACHI-METALS-ESI-4AFR1.880G01-T Datasheet
18Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.747G01-T HITACHI-METALS-ESI-4AGR1.747G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.765G01-T HITACHI-METALS-ESI-4AGR1.765G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com