Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9156A-01DE Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM9156A-01DE
Description  Charge Pump White LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9156A-01DE Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM9156A-01DE Datasheet HTML 1Page - California Micro Devices Corp CM9156A-01DE Datasheet HTML 2Page - California Micro Devices Corp CM9156A-01DE Datasheet HTML 3Page - California Micro Devices Corp CM9156A-01DE Datasheet HTML 4Page - California Micro Devices Corp CM9156A-01DE Datasheet HTML 5Page - California Micro Devices Corp CM9156A-01DE Datasheet HTML 6Page - California Micro Devices Corp CM9156A-01DE Datasheet HTML 7Page - California Micro Devices Corp CM9156A-01DE Datasheet HTML 8Page - California Micro Devices Corp CM9156A-01DE Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
04/26/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
3
CM9156A
PRELIMINARY
ELECTRICAL OPERATING CHARACTERISTICS
VIN = 3.6V. Typical values are at TA = 25 ºC
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
S
VIN
VIN Supply Voltage
3.0
6.0
V
ISD
Shut-Down Supply Current
ENA = 0
1µA
IQ
Quiescent Current
Fs = 8 kHz
Fs = 32 kHz
Fs = 262 kHz
Fs = 650 kHz
250
280
800
1600
380
470
1200
2500
µA
µA
µA
µA
Charge Pump Circuit
VR LOAD
Load Regulation
Fs = 262 kHz or 650 kHz,
Iout = 0 mA to 120 mA,
Vin = 3.2V to 6.5V
Iout = 0 mA to 90 mA,
Vin = 3.0V to 3.2V
4.2
4.0
4.5
4.1
4.7
4.2
V
V
VR LIN
Line Regulation
Fs = 262 kHz or 650 kHz,
Iout = 60 mA,
Vin = 3.2V to 6.5V
Vin = 3.0V to 3.2V
4.4
4.0
4.5
4.1
4.6
4.3
V
V
IOUT
Output Current
Vout = 4.5V
Vout = 4.0V
120
180
mA
mA
VOUTR
Output Ripple Voltage
Fs = 262 kHz, Iout = 60 mA
50
mV
fs
Switching Frequency
CLK1 = 0, CLK2 = 0
CLK1 = 1, CLK2 = 0
CLK1 = 0, CLK2 = 1
CLK1 = 1, CLK2 = 1
32.8
8.2
262
650
kHz
kHz
kHz
kHz
CLK1, CLK2
High Level Input Voltage
1.2
V
Low Level Input Voltage
0.6
V
ENA
VIH
High Level Input Voltage
1.3
V
VIL
Low Level Input Voltage
0.4
V
Protection
ILIM
Over-current Limit
400
600
mA
TJSD
Over-temperature Limit
135
ºC
THYS
Over-temperature Hysteresis
15
ºC
Specifications (cont’d)


Similar Part No. - CM9156A-01DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
CM9156B-01DE CALMIRCO-CM9156B-01DE Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
CM9156B-01MR CALMIRCO-CM9156B-01MR Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
More results

Similar Description - CM9156A-01DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com