Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ3082 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MAZ3082
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ3082 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MAZ3082 Datasheet HTML 1Page - Panasonic Semiconductor MAZ3082 Datasheet HTML 2Page - Panasonic Semiconductor MAZ3082 Datasheet HTML 3Page - Panasonic Semiconductor MAZ3082 Datasheet HTML 4Page - Panasonic Semiconductor MAZ3082 Datasheet HTML 5Page - Panasonic Semiconductor MAZ3082 Datasheet HTML 6Page - Panasonic Semiconductor MAZ3082 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
397
Zener Diodes
MAZ3270
25.1
27
28.9
24.8
MAZ3270-L
25.3
26
26.7
19 0.05
24.8
60
25
80
0.5 200 21.4 23.4 25.3 30
50
MAZ3270-M
26.3
27
27.7
25.8
MAZ3270-H
27.3
28
28.7
26.8
MAZ3300
28
30
32
27.8
MAZ3300-L
28.3
29
29.7
21 0.05
27.8
60
30
80
0.5 200 24.4 26.6 29.4 27
50
MAZ3300-M
29.3
30
30.8
28.8
MAZ3300-H
30.2
31
31.8
29.7
MAZ3330
31
33
35
30.7
MAZ3300-L
31.2
32
32.8
23 0.05
30.7
60
35
80
0.5 200 27.4 29.7 33.4 25
45
MAZ3330-M
32.2
33
33.8
31.7
MAZ3300-H
33.2
34
34.9
32.7
MAZ3360
34
36
38
33.6
MAZ3360-L
34.1
35
35.9
25 0.05
33.6
60
35
90
0.5 200 30.4 33 37.4 23
45
MAZ3360-M
35.1
36
36.9
34.6
MAZ3360-H
36.1
37
37.9
35.6
I Electrical characteristics within part numbers (continued) T
a
= 25°C
•V
Z = 27 V to 36 V (IZ = 2 mA)
Part Number
Zener voltage
Reverse current
VZ (V)
IR1 (µA) IR2 (µA)
RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ = 2 mA
VR
VR
IZ = 2 mA IZ
IZ = 2 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
Marking Symbol
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
MAZ3000 Series
27L or 27M or 27H
27L
27M
27H
30L or 30M or 30H
30L
30M
30H
33L or 33M or 33H
33L
33M
33H
36L or 36M or 36H
36L
36M
36H
Ptot  Ta
IF  VF
PZSM  tW
0
0
160
120
80
40
40
80
120
160
200
240
Ambient temperature T
a
(
°C)
Print foil
t
= 0.035 mm
A
K
10 mm
0.8 mm
10 mm
10−1
10−1
1
10
102
103
110
102
Pulse width t
W
(ms)
Ta
= 25°C
125
°C
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
1.2
Forward voltage V
F
(V)
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25°C.
2. The zener voltage temperature coefficient is the one for Tj = 25°C to 150°C.
Temperature
coefficient of
zener voltage
Terminal
capacitance
Operating
resistance


Similar Part No. - MAZ3082

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ3082 PANASONIC-MAZ3082 Datasheet
103Kb / 7P
   Silicon planar type
MAZ3082 PANASONIC-MAZ3082 Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
MAZ30820H PANASONIC-MAZ30820H Datasheet
103Kb / 7P
   Silicon planar type
MAZ30820H PANASONIC-MAZ30820H Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
MAZ30820L PANASONIC-MAZ30820L Datasheet
103Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ3082

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com