Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9153-01DE Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM9153-01DE
Description  Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9153-01DE Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM9153-01DE Datasheet HTML 2Page - California Micro Devices Corp CM9153-01DE Datasheet HTML 3Page - California Micro Devices Corp CM9153-01DE Datasheet HTML 4Page - California Micro Devices Corp CM9153-01DE Datasheet HTML 5Page - California Micro Devices Corp CM9153-01DE Datasheet HTML 6Page - California Micro Devices Corp CM9153-01DE Datasheet HTML 7Page - California Micro Devices Corp CM9153-01DE Datasheet HTML 8Page - California Micro Devices Corp CM9153-01DE Datasheet HTML 9Page - California Micro Devices Corp CM9153-01DE Datasheet HTML 10Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
6
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
04/26/06
CM9153
PRELIMINARY
Pin Descriptions
4.5V
LDO
Pre- R egulator
1.5x C harge Pump
OSC
Driver
VIN
ENA
C1P
C 1N
C2P
C 2N
VOUT
GND
1.0uF
1.0uF
1.0uF
1.0uF
3.0V TO 6.0V
CM9153
PIN DESCRIPTIONS
LEAD(s)
NAME
DESCRIPTION
1C2P
This pin is the plus side of charge pump bucket capacitor C2. Connect a 1.0µF
ceramic capacitor between C2N and C2P.
2
VOUT
The regulated 4.5V output voltage pin. This pin requires a 1.0µF or larger ceramic
capacitor to ground. This pin connects to the anodes of the LEDs.
3C1P
This pin is the plus side of charge pump bucket capacitor C1. Connect a 1.0µF
ceramic capacitor with a voltage rating of 10 V or greater between C1N and C1P.
4VIN
Positive supply voltage input pin. This voltage should be between 3.0V and 6V.
This pin requires a 1.0µF or larger ceramic capacitor to ground.
5
ENA
Enable pin, active high. By applying a PWM signal to this pin, the LED brightness
can be controlled.
6C2N
This pin is the minus side of charge pump bucket capacitor C2. Connect a 1.0µF
ceramic capacitor between C2N and C2P.
7GND
Ground pin.
8C1N
This pin is the minus side of charge pump bucket capacitor C1. Connect a 1.0µF
ceramic capacitor between C1N and C1P.
Functional Block Diagram


Similar Part No. - CM9153-01DE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM915 CML-CM915 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
Visual Communications C...
CM915 VCC-CM915 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01DE CALMIRCO-CM9156A-01DE Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01MR CALMIRCO-CM9156A-01MR Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results

Similar Description - CM9153-01DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com