Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9153 Datasheet(PDF) 9 Page - California Micro Devices Corp

Part # CM9153
Description  Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9153 Datasheet(HTML) 9 Page - California Micro Devices Corp

Back Button CM9153 Datasheet HTML 4Page - California Micro Devices Corp CM9153 Datasheet HTML 5Page - California Micro Devices Corp CM9153 Datasheet HTML 6Page - California Micro Devices Corp CM9153 Datasheet HTML 7Page - California Micro Devices Corp CM9153 Datasheet HTML 8Page - California Micro Devices Corp CM9153 Datasheet HTML 9Page - California Micro Devices Corp CM9153 Datasheet HTML 10Page - California Micro Devices Corp CM9153 Datasheet HTML 11Page - California Micro Devices Corp CM9153 Datasheet HTML 12Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
04/26/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
9
CM9153
PRELIMINARY
CM9153 Design Examples
Capacitor Selection
The external bucket capacitors will affect the output
impedance of the converter, so surface mount, low
ESR ceramic capacitors are recommended. Tantalum
and Aluminum capacitors should not be used because
their ESR is too high. The ceramic dielectric must be
stable over the operating temperature and voltage
range. As a result, X7R or X5R type dielectric is recom-
mended. In noise sensitive applications, output ripple
can be further reduced by increasing the capacitance
of the output capacitor. Reflected input ripple current
depends on the impedance of the VIN source, which
includes the PCB traces. Increasing the input capacitor
will reduce this ripple. The input capacitor also affects
the output voltage ripple. All the capacitors should be
located close to the device for best performance.
LED Brightness Control
Changes in ambient light often require the backlight
display intensity to be adjusted, usually to conserve
battery life. There are simple solutions to lowering the
LED brightness when using the CM9153.
PWM Brightness Control, Lowered Quies-
cent Current
A PWM signal can be used to control the brightness,
which is more efficient than other solutions that dissi-
pate the unwanted LED current in the series resistors.
It also maintains the white LED color fidelity by avoid-
ing color temperature variations that come with bias
current changes. The LED intensity is determined by
the PWM duty cycle, which can vary from 0% to 100%.
In the configuration shown in Figure , the brightness is
controlled by the PWM signal applied to ENA.
Decreased Duty Cycle will lower the LED brightness,
See Figure 3 and Figure 4.
Figure 3. High Brightness Waveforms
The recommended PWM frequency is between 100 Hz
and 20 kHz. If a frequency of less then 100 Hz is used,
flicker might be seen in the LEDs. The frequency
should also be greater than the refresh rate of the TFT
display. Higher frequencies will cause a loss of bright-
ness control linearity. In addition, higher frequency can
cause chromaticity shifts because the fixed rise and fall
times of the PWM signal will shift the forward current.
Figure 4. Low Brightness Waveforms
Vin
C1P
VOUT
VIN
C1N
C2P
GND
ENA
C2N
PWM input
CM9153
20 uSec/div
Iin, 200 mA/div
C2N, 5V/div
Vout ripple,
200 mV/div
PWM, 20 kHz,
60% D.C., 5V/div
Vin=3.8V
Iin, 200 mA/div
C2N, 5V/div
Vout ripple,
200 mV/div
PWM, 20 kHz,
10% D.C., 5V/div
20 uSec/div
Vin=3.8V
Application Information (cont’d)


Similar Part No. - CM9153

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM915 CML-CM915 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
Visual Communications C...
CM915 VCC-CM915 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01DE CALMIRCO-CM9156A-01DE Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01MR CALMIRCO-CM9156A-01MR Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results

Similar Description - CM9153

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com