Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9142 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM9142
Description  Two Group, 4 and 2, WLED Driver, Different Current Settings
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9142 Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM9142 Datasheet HTML 1Page - California Micro Devices Corp CM9142 Datasheet HTML 2Page - California Micro Devices Corp CM9142 Datasheet HTML 3Page - California Micro Devices Corp CM9142 Datasheet HTML 4Page - California Micro Devices Corp CM9142 Datasheet HTML 5Page - California Micro Devices Corp CM9142 Datasheet HTML 6Page - California Micro Devices Corp CM9142 Datasheet HTML 7Page - California Micro Devices Corp CM9142 Datasheet HTML 8Page - California Micro Devices Corp CM9142 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
4
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
04/26/06
CM9142
PRELIMINARY
100 mV/
div
Iin
Vout
Vin
20mA/
div
50mV/
div
1us/div
Typical Waveforms
Cin=C2=C3=Cout=1uF, Iout=120mA
1.5x mode
100 mV/
div
20mA/
div
50mV/
div
Iin
Vout
Vin
1us/div
1.0x mode
Typical Waveforms
Cin=C2=C3=Cout=1uF, Iout=120mA
LED Current vs. Vin
5
10
15
20
25
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Vout
EN
.5ms/div
Startup
Cin=C2=C3=Cout=1uF, Iout=120mA
1V/
div
200mA/
div
2V/
div
Iout=120mA
Iout=60mA
Iout=30mA
Source Current
25
50
75
100
125
150
175
200
3.03.5
4.04.5
5.05.5
6.0
Input Voltage (V)
Vled=3.2V
Charge Pump Efficiency
60
70
80
90
100
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Vled=3.2V
Iout=30mA
Iout=60mA
Iout=120mA
Iin
Typical Performance Curves


Similar Part No. - CM9142

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM914 CML-CM914 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
Visual Communications C...
CM914 VCC-CM914 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
California Micro Device...
CM9140 CALMIRCO-CM9140 Datasheet
311Kb / 12P
   Four Output Driver for White LEDs
CM9140-01QE CALMIRCO-CM9140-01QE Datasheet
311Kb / 12P
   Four Output Driver for White LEDs
More results

Similar Description - CM9142

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9132 CALMIRCO-CM9132 Datasheet
632Kb / 14P
   Two Group, 3 and 2, WLED Driver, Different Current Settings
CM9133 CALMIRCO-CM9133 Datasheet
382Kb / 14P
   Two Group, 3 and 3, WLED Driver, Different Current Settings
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
[Old version datasheet]   High Current-Boost WLED Driver
logo
Allegro MicroSystems
A8501 ALLEGRO-A8501 Datasheet
559Kb / 24P
   2 MHz, 4 Channel100 mA WLED/RGB Driver
logo
Power Analog Micoelectr...
PAM2841 PAM-PAM2841 Datasheet
736Kb / 14P
   1.5ASW Current, 40V Precision WLED Driver
logo
Taiwan Semiconductor Co...
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
   High efficiency constant current limit current WLED driver
logo
Texas Instruments
TPS65200 TI1-TPS65200_15 Datasheet
2Mb / 63P
[Old version datasheet]   Li Battery Charger With WLED Driver and Current Shunt Monitor
TPS65200 TI1-TPS65200 Datasheet
2Mb / 60P
[Old version datasheet]   LI BATTERY CHARGER WITH WLED DRIVER AND CURRENT SHUNT MONITOR
logo
Allegro MicroSystems
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
   2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com