Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3202-00DE Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM3202-00DE
Description  DDR VDDQ and Termination Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3202-00DE Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM3202-00DE Datasheet HTML 4Page - California Micro Devices Corp CM3202-00DE Datasheet HTML 5Page - California Micro Devices Corp CM3202-00DE Datasheet HTML 6Page - California Micro Devices Corp CM3202-00DE Datasheet HTML 7Page - California Micro Devices Corp CM3202-00DE Datasheet HTML 8Page - California Micro Devices Corp CM3202-00DE Datasheet HTML 9Page - California Micro Devices Corp CM3202-00DE Datasheet HTML 10Page - California Micro Devices Corp CM3202-00DE Datasheet HTML 11Page - California Micro Devices Corp CM3202-00DE Datasheet HTML 12Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
05/08/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
11
CM3202
PRELIMINARY
TDFN-08 Mechanical Specifications
The CM3202-00DE is supplied in an 8-lead, 0.65mm
pitch TDFN package. Dimensions are presented below.
=
This package is compliant with JEDEC standard MO-229, variation
VEEC-1 with exception of the "D2", "E2" and "b" dimensions as
called out in the table above.
Package Dimensions for 8-Lead TDFN
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229 (Var. WEEC-1)=
Leads
6
Dim.
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
A2
0.45
0.55
0.65
0.018
0.022
0.026
A3
0.20
0.008
b
0.25
0.30
0.35
0.010
0.012
0.014
D
3.00
0.118
D2
1.90
2.00
2.10
0.075
0.079
0.083
E
3.00
0.118
E2
1.60
1.70
1.80
0.063
0.067
0.071
e
0.65
0.026
K
0.20
0.008
L
0.20
0.30
0.45
0.008
0.012
0.018
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
BOTTOM VIEW
A
A3
A1
0.10 C
0.08 C
SIDE VIEW
TOP VIEW
b
L
0.10
C A B
M
8X
D2
e
GND PAD
D
Pin 1
Marking
3
2
1
6
7
8
A2
K
2
4
6
57
C0.25
3
1
8
4
5
Mechanical Details


Similar Part No. - CM3202-00DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM3202-00 ONSEMI-CM3202-00 Datasheet
197Kb / 11P
   VTT Termination Voltage Regulator
April, 2011 ??Rev. 3
More results

Similar Description - CM3202-00DE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9005A RICHTEK-RT9005A Datasheet
208Kb / 10P
   DDR VDDQ and Termination Voltage Regulator
logo
California Micro Device...
CM3205 CALMIRCO-CM3205 Datasheet
235Kb / 10P
   DDR VDDQ and Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
logo
Semtech Corporation
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
   Low Voltage DDR Termination Regulator
SC2599 SEMTECH-SC2599 Datasheet
1Mb / 13P
   Low Voltage DDR Termination Regulator
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Semtech Corporation
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
   Low Voltage DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com