Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2400-05HB Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM2400-05HB
Description  Universal Serial Bus Transceiver with Level Translator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2400-05HB Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM2400-05HB Datasheet HTML 1Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 2Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 3Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 4Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 5Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 6Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 7Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 8Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
06/30/04
CM2400-05
PRELIMINARY
Specifications (cont’d)
Note 1: Operating Characteristics are over Standard Operating Conditions unless otherwise specified.
Note 2: Excluding any load current and VPU/VSW source current to 1.5kΩ and 15kΩ pull-up and pull-down resistors (200 µA).
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
Static Operating Characteristics
Supply Pins (VBUS = 4.1V to 5.5V; VCC = 1.65V to 3.6V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREG
Regulated supply output
Unloaded
3.0
3.3
3.6
V
IBUS
Operating supply current
Full-speed TX and RX;
CL=50pF on
D+/D- outputs
10
mA
IBUS(IDLE)
Supply current during full
speed idle and SE0
Full-speed idle; Note 2
500
µA
IBUS(SUSP) Supply current during sus-
pend
SPND = logic "1"; Note 2
100
µA
ICC
Operating I/O supply current
Full-speed TX and RX
2.0
mA
ICC(STAT)
Static I/O supply current
Full-speed idle, SE0 or suspend
10.0
µA
ICC(SHARE) Supply current during shar-
ing mode
VBUS not connected
10.0
µA
IDX(SHARE) D+/D- load current during
sharing mode
VBUS not connected;
ENUMERATE = logic "0"
10.0
µA
VTH(VBUS) VBUS supply detection
threshold, USB_D output
Supply lost (USB_D low)
3.6
V
Supply present
4.1
V
VTH(BUS) Hysteresis
100
mV
VTH(VCC)
VCC supply detection
threshold.
Supply lost
0.5
V
Supply present
1.4
V
VTH(VCC) Hysteresis
200
mV
Digital Pins (VBUS = 4.1V to 5.5V; VCC = 1.65V to 3.6V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Logic LOW input voltage
0.3 X VCC
V
VIH
Logic HIGH input voltage
0.6 X VCC
V
VOL
Logic LOW output voltage
IOL = 100µA
IOL = 2mA
0.15
0.40
V
V
VOH
Logic HIGH output voltage
IOH = 100µA
IOH = 2mA
VCC - 0.15
VCC - 0.40
V
V


Similar Part No. - CM2400-05HB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01HB CALMIRCO-CM2400-01HB Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-02 CALMIRCO-CM2400-02 Datasheet
179Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-02HA CALMIRCO-CM2400-02HA Datasheet
179Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-02HB CALMIRCO-CM2400-02HB Datasheet
179Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
More results

Similar Description - CM2400-05HB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-02 CALMIRCO-CM2400-02 Datasheet
179Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com